Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ90C Datasheet(PDF) 6 Page - Shanghai Lunsure Electronic Tech

Part # P4SMAJ90C
Description  400Watt transient voltage suppressors 5.0to170 volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

P4SMAJ90C Datasheet(HTML) 6 Page - Shanghai Lunsure Electronic Tech

  P4SMAJ90C Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 5Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 6Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ELECTRICAL CHARACTERISTICS @25°C
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @
IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MARKING
CODE
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
1
2
P4SMAJ22C
22
24.4
29.8
1
39.4
10.1
5
XW
UW
P4SMAJ22CA
22
24.4
26.9
1
35.5
11.2
5
XX
UX
P4SMAJ24C
24
26.7
32.6
1
43.0
9.3
5
XY
UY
P4SMAJ24CA
24
26.7
29.5
1
38.9
10.3
5
XZ
UZ
P4SMAJ26C
26
28.9
35.3
1
46.6
8.6
5
YD
VD
P4SMAJ26CA
26
28.9
31.9
1
42.1
9.5
5
YE
VE
P4SMAJ28C
28
31.1
38.0
1
50.0
8.0
5
YF
VF
P4SMAJ28CA
28
31.1
34.4
1
45.4
8.8
5
YG
VG
P4SMAJ30C
30
33.3
40.7
1
53.5
7.5
5
YH
VH
P4SMAJ30CA
30
33.3
36.8
1
48.4
8.3
5
YK
VK
P4SMAJ33C
33
36.7
44.9
1
59.0
6.8
5
YL
VL
P4SMAJ33CA
33
36.7
40.6
1
53.3
7.5
5
YM
VM
P4SMAJ36C
36
40.0
48.9
1
64.3
6.2
5
YN
VN
P4SMAJ36CA
36
40.0
44.2
1
58.1
6.9
5
YP
VP
P4SMAJ40C
40
44.4
54.3
1
71.4
5.6
5
YQ
VQ
P4SMAJ40CA
40
44.4
49.1
1
64.5
6.2
5
YR
VR
P4SMAJ43C
43
47.8
58.4
1
76.7
5.2
5
YS
VS
P4SMAJ43CA
43
47.8
52.8
1
69.4
5.7
5
YT
VT
P4SMAJ45C
45
50.0
61.1
1
80.3
5.0
5
YU
VU
P4SMAJ45CA
45
50.0
55.3
1
72.7
5.5
5
YV
VV
P4SMAJ48C
48
53.3
65.1
1
85.5
4.7
5
YW
VW
P4SMAJ48CA
48
53.3
58.9
1
77.4
5.2
5
YX
VX
P4SMAJ51C
51
56.7
69.3
1
91.1
4.4
5
YY
VY
P4SMAJ51CA
51
56.7
62.7
1
82.4
4.9
5
YZ
VZ
P4SMAJ54C
54
60.0
73.3
1
96.3
4.2
5
ZD
WD
P4SMAJ54CA
54
60.0
66.3
1
87.1
4.6
5
ZE
WE
P4SMAJ58C
58
64.4
78.7
1
103
3.9
5
ZF
WF
P4SMAJ58CA
58
64.4
71.2
1
93.6
4.3
5
ZG
WG
P4SMAJ60C
60
66.7
81.5
1
107
3.7
5
ZH
WH
P4SMAJ60CA
60
66.7
73.7
1
96.8
4.1
5
ZK
WK
P4SMAJ64C
64
71.1
86.9
1
114
3.5
5
ZL
WL
P4SMAJ64CA
64
71.1
78.6
1
103
3.9
5
ZM
WM
P4SMAJ70C
70
77.8
95.1
1
125
3.2
5
ZN
WN
P4SMAJ70CA
70
77.8
86.0
1
113
3.5
5
ZP
WP
P4SMAJ75C
75
83.3
102
1
134
3.0
5
ZQ
WQ
P4SMAJ75CA
75
83.3
92.1
1
121
3.3
5
ZR
WR
P4SMAJ78C
78
86.7
106
1
139
2.9
5
ZS
WS
P4SMAJ78CA
78
86.7
95.8
1
126
2.2
5
ZT
WT
P4SMAJ85C
85
94.4
115
1
151
2.6
5
ZU
WU
P4SMAJ85CA
85
94.4
104
1
137
2.9
5
ZV
WV
P4SMAJ90C
90
100
122
1
160
2.5
5
ZW
WW
P4SMAJ90CA
90
100
111
1
146
2.7
5
ZX
WX
P4SMAJ100C
100
111
136
1
179
2.2
5
ZY
WY
P4SMAJ100CA
100
111
123
1
162
2.5
5
ZZ
WZ
P4SMAJ110C
110
122
149
1
196
2.0
5
VD
XD
P4SMAJ110CA
110
122
135
1
177
2.3
5
VE
XE
P4SMAJ120C
120
133
163
1
214
1.9
5
VF
XF
P4SMAJ120CA
120
133
147
1
193
2.0
5
VG
XG
P4SMAJ130C
130
144
176
1
231
1.7
5
VH
XH
P4SMAJ130CA
130
144
159
1
209
1.9
5
VK
XK
P4SMAJ150C
150
167
204
1
268
1.5
5
VL
XL
P4SMAJ150CA
150
167
185
1
243
1.6
5
VM
XM
P4SMAJ160C
160
178
218
1
287
1.4
5
VN
XN
P4SMAJ160CA
160
178
197
1
259
1.5
5
VP
XP
P4SMAJ170C
170
189
231
1
304
1.3
5
VQ
XQ
P4SMAJ170CA
170
189
209
1
275
1.4
5
VR
XR
P4SMAJ5.0 thru P4SMAJ170CA
www.cnelectr.com


Similar Part No. - P4SMAJ90C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ90C PANJIT-P4SMAJ90C Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ90C SURGE-P4SMAJ90C Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Transys Electronics
P4SMAJ90C TRSYS-P4SMAJ90C Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ90C WTE-P4SMAJ90C Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ90C PANJIT-P4SMAJ90C Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ90C

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
P4KE6.8 CHENYI-P4KE6.8 Datasheet
70Kb / 3P
   400 Watt Transient voltage suppressors 6.8to400 volts
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com