Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBR12EC8ABFD-AD Datasheet(PDF) 7 Page - Elpida Memory

Part # EBR12EC8ABFD-AD
Description  128MB Direct Rambus DRAM RIMM Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBR12EC8ABFD-AD Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBR12EC8ABFD-AD Datasheet HTML 3Page - Elpida Memory EBR12EC8ABFD-AD Datasheet HTML 4Page - Elpida Memory EBR12EC8ABFD-AD Datasheet HTML 5Page - Elpida Memory EBR12EC8ABFD-AD Datasheet HTML 6Page - Elpida Memory EBR12EC8ABFD-AD Datasheet HTML 7Page - Elpida Memory EBR12EC8ABFD-AD Datasheet HTML 8Page - Elpida Memory EBR12EC8ABFD-AD Datasheet HTML 9Page - Elpida Memory EBR12EC8ABFD-AD Datasheet HTML 10Page - Elpida Memory EBR12EC8ABFD-AD Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EBR12EC8ABFD
Data Sheet E0318E21 (Ver. 2.1)
7
Electrical Specifications
Absolute Maximum Ratings
Symbol
Parameter
min.
max.
Unit
VI,ABS
Voltage applied to any RSL or CMOS signal pad with
respect to GND
−0.3
VDD + 0.3
V
VDD,ABS
Voltage on VDD with respect to GND
−0.5
VDD + 1.0
V
TSTORE
Storage temperature
−50
+100
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage.
The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Recommended Electrical Conditions
Symbol
Parameter and conditions
min.
max.
Unit
VDD
Supply voltage*
1
2.50
− 0.13
2.50 + 0.13
V
VCMOS
CMOS I/O power supply at pad
2.5V controllers
2.50
− 0.13
2.50 + 0.25
V
1.8V controllers
1.8
− 0.1
1.8 + 0.2
V
VREF
Reference voltage*
1
1.4
− 0.2
1.4 + 0.2
V
SVDD
Serial Presence Detector- positive power
supply
2.2
3.6
V
Note: See Direct RDRAM datasheet for more details.


Similar Part No. - EBR12EC8ABFD-AD

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBR12EC8ABKD ELPIDA-EBR12EC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
EBR12EC8ABKD-8C ELPIDA-EBR12EC8ABKD-8C Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
EBR12EC8ABKD-AD ELPIDA-EBR12EC8ABKD-AD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
EBR12EC8ABKD-AE ELPIDA-EBR12EC8ABKD-AE Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
EBR12EC8ABKD-AEP ELPIDA-EBR12EC8ABKD-AEP Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
More results

Similar Description - EBR12EC8ABFD-AD

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABSA ELPIDA-EBR12EC8ABSA Datasheet
107Kb / 11P
   128MB Direct Rambus DRAM SO-RIMM??Module
MC-4R128FKK8K ELPIDA-MC-4R128FKK8K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
EBR12EC8ABKD ELPIDA-EBR12EC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
EBR12UC8ABKD ELPIDA-EBR12UC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
MC-4R128FKK6K ELPIDA-MC-4R128FKK6K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com