Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6DPH-815D860D-10 Datasheet(PDF) 1 Page - TOKO, Inc

Part # 6DPH-815D860D-10
Description  Antenna Duplexers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

6DPH-815D860D-10 Datasheet(HTML) 1 Page - TOKO, Inc

  6DPH-815D860D-10 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TYPE #6DPF Antenna Duplexers アンテナデュプレクサ
Frequency Range:
700~1500MHz
Temperature Range:
− 40°C~+ 85°C
(Unit: mm)
*: Depends on Center Frequency.
*: 高さは周波数に依存します。
SELECTION GUIDE FOR STANDARD DEVICES
 The Part Number shown in the table below are standard devices, which are
readily available. TOKO will design and manufacture modified and custom
devices with specific characteristics to meet your requirements.
If you do not find the devices for your application in this catalog, please
contact our sales or representative office.
 RoHS compliant
 下記の表に示す製品番号は標準品です。TOKOは、お客様のご要望に合わせ設計、製作
致しますので、お客様の用途に適合する仕様が見当たらない場合は、当社営業所または
代理店にご連絡下さい。
 RoHS指令対応
TYPE #6DPF
東光品番
送受信
中心周波数
帯域幅
挿入損失
帯域内リップル
V.S.W.R.
減衰量
許容入力電力
TOKO
Part
Number
Tx or Rx
Center
Frequency
(MHz)
Bandwidth
(fo
 MHz)
Insertion
Loss
(dB) Max.
Ripple
in BW
(dB) Max.
V.S.W.R.
in BW
Max.
Attenuation
(dB) Min. (MHz)
Maximum
Input Power
(W)
Tx
1216.5
2.5
2.7
0.5
2.0
28 (1250)
1.0
#6DPF-1216A1252A-11
Rx
1252.5
2.5
2.7
0.5
2.0
28 (1219)
Tx
1643.5
17.0
2.5
1.0
2.0
40, 28 (1480,1559)
1.0
#6DPF-1643G1553J-13
Rx
1553.25
23.25
2.5
1.0
2.0
7, 20 (1600,1626.5)
TYPE #6DPH Antenna Duplexers アンテナデュプレクサ
Frequency Range:
700~1500MHz
Temperature Range:
− 40°C~+ 85°C
(Unit: mm)
*: Depends on Center Frequency.
*: 高さは周波数に依存します。
SELECTION GUIDE FOR STANDARD DEVICES
 The Part Number shown in the table below are standard devices, which are
readily available. TOKO will design and manufacture modified and custom
devices with specific characteristics to meet your requirements.
If you do not find the devices for your application in this catalog, please
contact our sales or representative office.
 RoHS compliant
 下記の表に示す製品番号は標準品です。TOKOは、お客様のご要望に合わせ設計、製作
致しますので、お客様の用途に適合する仕様が見当たらない場合は、当社営業所または
代理店にご連絡下さい。
 RoHS指令対応
TYPE #6DPH
東光品番
送受信
中心周波数
帯域幅
挿入損失
帯域内リップル
V.S.W.R.
減衰量
許容入力電力
TOKO
Part
Number
Tx or Rx
Center
Frequency
(MHz)
Bandwidth
(fo
 MHz)
Insertion
Loss
(dB) Max.
Ripple
in BW
(dB) Max.
V.S.W.R.
in BW
Max.
Attenuation
(dB) Min. (MHz)
Maximum
Input Power
(W)
Tx
914.5
12.5
2.0
1.0
2.0
30 (935~960)
4.0
#6DPH-902E947E-14
Rx
959.5
12.5
2.5
1.0
2.0
25 (890~915)
Tx
815.5
9.5
1.8
0.5
2.0
43 (851~870)
5.0
Rx
860.5
9.5
2.7
1.0
2.0
58 (806~825)
1.0
#6DPH-815D860D-10
30 (941~960)
Antenna Duplexers
アンテナデュプレクサ
TYPE
#6DPF
#6DPH
Typical Characteristics 代表特性例
Typical Characteristics 代表特性例


Similar Description - 6DPH-815D860D-10

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7103 AVAGO-ACFM-7103 Datasheet
1Mb / 20P
   Single Antenna connection for PCS and Cell band duplexers
logo
Panasonic Semiconductor
EFSD836MJ1 PANASONIC-EFSD836MJ1 Datasheet
72Kb / 3P
   SAW Devices(SAW Duplexers)
logo
Taiyo Yuden (U.S.A.), I...
D5DA793M0K2K2 TAIYO-YUDEN-D5DA793M0K2K2 Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D6DA2G155K2T2 TAIYO-YUDEN-D6DA2G155K2T2 Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D6HQ2G655DP03 TAIYO-YUDEN-D6HQ2G655DP03 Datasheet
248Kb / 2P
   FBAR/SAW Devices (FBAR Duplexers)
D5DA876M5K2P6 TAIYO-YUDEN-D5DA876M5K2P6 Datasheet
748Kb / 12P
   FBAR/SAW Devices (SAW Duplexers)
D6DA2G132K2D9 TAIYO-YUDEN-D6DA2G132K2D9 Datasheet
632Kb / 11P
   FBAR/SAW Devices (SAW Duplexers)
logo
Raltron Electronics Cor...
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
logo
Taiyo Yuden (U.S.A.), I...
D5DA942M5K2G6 TAIYO-YUDEN-D5DA942M5K2G6 Datasheet
247Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
D5DA942M5K2S2 TAIYO-YUDEN-D5DA942M5K2S2 Datasheet
740Kb / 12P
   FBAR/SAW Devices (SAW Duplexers)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com