Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ26C Datasheet(PDF) 4 Page - Shanghai Lunsure Electronic Tech

Part # P4SMAJ26C
Description  400Watt transient voltage suppressors 5.0to170 volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

P4SMAJ26C Datasheet(HTML) 4 Page - Shanghai Lunsure Electronic Tech

  P4SMAJ26C Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech P4SMAJ26C Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech P4SMAJ26C Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech P4SMAJ26C Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech P4SMAJ26C Datasheet HTML 5Page - Shanghai Lunsure Electronic Tech P4SMAJ26C Datasheet HTML 6Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ELECTRICAL CHARACTERISTICS @25°C
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @
IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MARKING
CODE
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
1
2
P4SMAJ22
22
24.4
29.8
1
39.4
10.1
5
BW
IW
P4SMAJ22A
22
24.4
26.9
1
35.5
11.2
5
BX
IX
P4SMAJ24
24
26.7
32.6
1
43.0
9.3
5
BY
IY
P4SMAJ24A
24
26.7
29.5
1
38.9
10.3
5
BZ
IZ
P4SMAJ26
26
28.9
35.3
1
46.6
8.6
5
CD
JD
P4SMAJ26A
26
28.9
31.9
1
42.1
9.5
5
CE
JE
P4SMAJ28
28
31.1
38.0
1
50.0
8.0
5
CF
JF
P4SMAJ28A
28
31.1
34.4
1
45.4
8.8
5
CG
JG
P4SMAJ30
30
33.3
40.7
1
53.5
7.5
5
CH
JH
P4SMAJ30A
30
33.3
36.8
1
48.4
8.3
5
CK
JK
P4SMAJ33
33
36.7
44.9
1
59.0
6.8
5
CL
JL
P4SMAJ33A
33
36.7
40.6
1
53.3
7.5
5
CM
JM
P4SMAJ36
36
40.0
48.9
1
64.3
6.2
5
CN
JN
P4SMAJ36A
36
40.0
44.2
1
58.1
6.9
5
CP
JP
P4SMAJ40
40
44.4
54.3
1
71.4
5.6
5
CQ
JQ
P4SMAJ40A
40
44.4
49.1
1
64.5
6.2
5
CR
JR
P4SMAJ43
43
47.8
58.4
1
76.7
5.2
5
CS
JS
P4SMAJ43A
43
47.8
52.8
1
69.4
5.7
5
CT
JT
P4SMAJ45
45
50.0
61.1
1
80.3
5.0
5
CU
JU
P4SMAJ45A
45
50.0
55.3
1
72.7
5.5
5
CV
JV
P4SMAJ48
48
53.3
65.1
1
85.5
4.7
5
CW
JW
P4SMAJ48A
48
53.3
58.9
1
77.4
5.2
5
CX
JX
P4SMAJ51
51
56.7
69.3
1
91.1
4.4
5
CY
JY
P4SMAJ51A
51
56.7
62.7
1
82.4
4.9
5
CZ
JZ
P4SMAJ54
54
60.0
73.3
1
96.3
4.2
5
RD
P4SMAJ54A
54
66.3
1
87.1
4.6
5
RE
P4SMAJ58
58
64.4
78.7
1
103
3.9
5
RF
P4SMAJ58A
58
64.4
71.2
1
93.6
4.3
5
RG
P4SMAJ60
60
66.7
81.5
1
107
3.7
5
RH
P4SMAJ60A
60
73.7
1
96.8
4.1
5
RK
P4SMAJ64
64
71.1
86.9
1
114
3.5
5
RL
P4SMAJ64A
64
71.1
78.6
1
103
3.9
5
RM
P4SMAJ70
70
77.8
95.1
1
125
3.2
5
RN
P4SMAJ70A
70
86.0
1
113
3.5
5
RP
P4SMAJ75
75
83.3
102
1
134
3.0
5
RQ
P4SMAJ75A
75
83.3
92.1
1
121
3.3
5
RR
P4SMAJ78
78
106
1
139
2.9
5
RS
P4SMAJ78A
78
86.7
95.8
1
126
2.2
5
RT
P4SMAJ85
85
94.4
115
1
151
2.6
5
RU
P4SMAJ85A
85
104
1
137
2.9
5
RV
P4SMAJ90
90
100
122
1
160
2.5
5
RW
P4SMAJ90A
90
111
1
146
2.7
5
RX
P4SMAJ100
100
136
1
179
2.2
5
RY
P4SMAJ100A
100
123
1
162
2.5
5
RZ
P4SMAJ110
110
149
1
196
2.0
5
SD
P4SMAJ110A
110
135
1
177
2.3
5
SE
P4SMAJ120
120
133
163
1
214
1.9
5
SF
P4SMAJ120A
120
147
1
193
2.0
5
SG
P4SMAJ130
130
176
1
231
1.7
5
SH
P4SMAJ130A
130
159
1
209
1.9
5
SK
P4SMAJ150
150
167
204
1
268
1.5
5
SL
P4SMAJ150A
150
185
1
243
1.6
5
SM
P4SMAJ160
160
218
1
287
1.4
5
SN
P4SMAJ160A
160
197
1
259
1.5
5
SP
P4SMAJ170
170
189
231
1
304
1.3
5
SQ
P4SMAJ170A
170
209
1
275
1.4
5
SR
P4SMAJ5.0 thru P4SMAJ170CA
www.cnelectr.com
189
178
167
178
111
122
111
133
122
144
144
100
66.7
94.4
86.7
77.8
60.0


Similar Part No. - P4SMAJ26C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ26C PANJIT-P4SMAJ26C Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ26C SURGE-P4SMAJ26C Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Transys Electronics
P4SMAJ26C TRSYS-P4SMAJ26C Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ26C WTE-P4SMAJ26C Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ26C PANJIT-P4SMAJ26C Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ26C

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
P4KE6.8 CHENYI-P4KE6.8 Datasheet
70Kb / 3P
   400 Watt Transient voltage suppressors 6.8to400 volts
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com