Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7025LYF-331K Datasheet(PDF) 1 Page - TOKO, Inc

Part # 7025LYF-331K
Description  Radial Type Fixed Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

7025LYF-331K Datasheet(HTML) 1 Page - TOKO, Inc

  7025LYF-331K Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12RYB
Inductance Range: 10~4700
μH
φ
11.8Max.
10°
Winding
direction
13.5Max. 5.0
φ
0.8
(Unit: mm)
• Ideal as a choke coil for noise filtering and
DC-DC Convertor application.
• RoHS compliant.
• ノイズフィルタやDC-DCコンバータ用イ
ンダクタに最適
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE 12RYB
東光品番
インダクタンス
(1)
許容差
直流抵抗
(3)
最大許容電流
(2)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(3)
(
Ω) Max.
Rated
DC Current
(2)
(A) Max.
7025LYF-100K
10
± 10
0.040
4.6
7025LYF-120K
12
± 10
0.044
4.2
7025LYF-150K
15
± 10
0.048
3.8
7025LYF-180K
18
± 10
0.054
3.4
7025LYF-220K
22
± 10
0.060
3.0
7025LYF-270K
27
± 10
0.068
2.8
7025LYF-330K
33
± 10
0.074
2.5
7025LYF-390K
39
± 10
0.081
2.3
7025LYF-470K
47
± 10
0.090
2.1
7025LYF-560K
56
± 10
0.10
1.9
7025LYF-680K
68
± 10
0.11
1.8
7025LYF-820K
82
± 10
0.13
1.6
7025LYF-101K
100
± 10
0.14
1.4
7025LYF-121K
120
± 10
0.16
1.3
7025LYF-151K
150
± 10
0.18
1.2
7025LYF-181K
180
± 10
0.20
1.1
7025LYF-221K
220
± 10
0.23
1.0
7025LYF-271K
270
± 10
0.26
0.90
7025LYF-331K
330
± 10
0.46
0.80
7025LYF-391K
390
± 10
0.51
0.70
7025LYF-471K
470
± 10
0.59
0.65
7025LYF-561K
560
± 10
0.65
0.62
7025LYF-681K
680
± 10
0.73
0.57
7025LYF-821K
820
± 10
0.84
0.52
7025LYF-102K
1000
± 10
1.40
0.46
7025LYF-122K
1200
± 10
1.50
0.42
7025LYF-152K
1500
± 10
1.80
0.38
7025LYF-182K
1800
± 10
2.00
0.35
7025LYF-222K
2200
± 10
2.20
0.31
7025LYF-272K
2700
± 10
2.60
0.28
7025LYF-332K
3300
± 10
3.50
0.26
7025LYF-392K
3900
± 10
4.00
0.24
7025LYF-472K
4700
± 10
4.50
0.22
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 1.0kHz.
(2) Rated DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by
40°C, whichever is smaller. (Reference ambient temperature
20°C)
(3) DC resistance is measured with a digital multimeter TR6871
(Advantest) or equivalent.
(1)
インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は1.0kHzです。
(2)
最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、コ
イルの温度が40℃上昇の何れか小さい値です。(周囲温度20℃を
基準とする。)
(3)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
FEATURES
/特長
DIMENSIONS
/外形寸法図
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - 7025LYF-331K

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7025L15FGB8 IDT-7025L15FGB8 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
7025L15FGI8 IDT-7025L15FGI8 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
7025L15GGB8 IDT-7025L15GGB8 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
7025L15GGI8 IDT-7025L15GGI8 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
7025L15JGB8 IDT-7025L15JGB8 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 7025LYF-331K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RB TOKO-8RB Datasheet
48Kb / 1P
   Radial Type Fixed Inductors
8RBS TOKO-8RBS Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RDB TOKO-8RDB Datasheet
59Kb / 1P
   Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
16RHBP TOKO-16RHBP Datasheet
69Kb / 1P
   Radial Type Fixed Inductors
8RHB2 TOKO-8RHB2 Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RYBL TOKO-8RYBL Datasheet
53Kb / 1P
   Radial Type Fixed Inductors
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
   Radial Type Fixed Inductors
8RHT2 TOKO-8RHT2 Datasheet
63Kb / 1P
   Radial Type Fixed Inductors
10RB TOKO-10RB Datasheet
49Kb / 1P
   Radial Type Fixed Inductors
10RHT2 TOKO-10RHT2 Datasheet
98Kb / 2P
   Radial Type Fixed Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com