Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

822LY-561K Datasheet(PDF) 1 Page - TOKO, Inc

Part # 822LY-561K
Description  Radial Type Fixed Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

822LY-561K Datasheet(HTML) 1 Page - TOKO, Inc

  822LY-561K Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8RHB2
Inductance Range: 1.0~1000
μH
11.0Max.
φ8.5Max.
φ0.61
5.0
(Unit: mm)
• Ideal as a choke coil for noise filtering and
DC-DC convertor application.
Note: Taped form is type 8RHT2 spec.
Available with or without heat shrunk plastic
housing.
• RoHS compliant.
• ノイズフィルタ用のチョークコイルDC-
DC
コンバータ用インダクタに最適
• RoHS指令対応
(
注) テーピング納入:TYPE 8RHT2仕様で
納品外装チューブ無しも有ります
SELECTION GUIDE FOR STANDARD COILS
TYPE 8RHB2
東光品番
インダクタンス
(1)
許容差
直流抵抗
(4)
最大許容電流
(2)
自己共振周波数
(3)(5)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(4)
(
Ω) Max.
Rated DC
Current
(2)
(A) Max.
Self-resonant
Frequency
(3) (5)
(MHz) Min.
#822LY-1R0M
1.0
± 20
0.013
3.71
150
#822LY-1R5M
1.5
± 20
0.016
3.32
130
#822LY-2R2M
2.2
± 20
0.021
3.15
100
#822LY-3R3M
3.3
± 20
0.025
2.66
79
#822LY-4R7M
4.7
± 20
0.030
2.27
51
#822LY-6R8M
6.8
± 20
0.035
2.10
29
#822LY-100K
10.0
± 10
0.045
1.96
14
#822LY-120K
12.0
± 10
0.050
1.82
13
#822LY-150K
15.0
± 10
0.056
1.75
12
#822LY-180K
18.0
± 10
0.061
1.54
11
#822LY-220K
22.0
± 10
0.070
1.29
9.2
#822LY-270K
27.0
± 10
0.080
1.22
8.5
#822LY-330K
33.0
± 10
0.090
1.17
7.8
#822LY-390K
39.0
± 10
0.10
1.14
6.9
#822LY-470K
47.0
± 10
0.17
0.79
6.5
#822LY-560K
56.0
± 10
0.20
0.76
5.4
#822LY-680K
68.0
± 10
0.22
0.70
4.9
#822LY-820K
82.0
± 10
0.25
0.67
4.1
#822LY-101K
100.0
± 10
0.28
0.58
3.7
#822LY-121K
120.0
± 10
0.32
0.56
3.4
#822LY-151K
150.0
± 10
0.54
0.42
3.2
#822LY-181K
180.0
± 10
0.60
0.40
2.8
#822LY-221K
220.0
± 10
0.68
0.38
2.7
#822LY-271K
270.0
± 10
0.80
0.35
2.4
#822LY-331K
330.0
± 10
0.90
0.33
2.3
#822LY-391K
390.0
± 10
1.20
0.28
2.1
#822LY-471K
470.0
± 10
1.37
0.25
1.9
#822LY-561K
560.0
± 10
1.53
0.23
1.8
#822LY-681K
680.0
± 10
2.00
0.21
1.6
#822LY-821K
820.0
± 10
2.70
0.18
1.5
#822LY-102K
1000.0
± 10
2.96
0.16
1.3
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 1.0 kHz
(2) Rated DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by
20°C, whichever is smaller. (Reference ambient temperature
20°C)
(3) Self-resonant frequency is measured with a network analyzer
model MS560J(Anritsu), or equivalent.
(4) DC resistance is measured with a digital multimeter TR6871
(Advantest) or equivalent.
(5) Self-resonant frequency is for reference only.
(1)
インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は1.0kHzです。
(2)
最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、コ
イルの温度が20℃上昇の何れか小さい値です。(周囲温度20℃を
基準とする。)
但し( ) 内の値は参考値として直流重畳特性による電流値です。
(3)
自己共振周波数はネットワークアナライザMS560J(Anritsu)また
は同等品により測定する。
(4)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(5)
自己共振周波数は、参考値です。
FEATURES
/特長
DIMENSIONS
/外形寸法図
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - 822LY-561K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
822LKP050M ILLINOISCAPACITOR-822LKP050M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
822LKP063M ILLINOISCAPACITOR-822LKP063M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
822LKP080M ILLINOISCAPACITOR-822LKP080M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
822LKP100M ILLINOISCAPACITOR-822LKP100M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
822LKP160M ILLINOISCAPACITOR-822LKP160M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
More results

Similar Description - 822LY-561K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RB TOKO-8RB Datasheet
48Kb / 1P
   Radial Type Fixed Inductors
8RBS TOKO-8RBS Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RDB TOKO-8RDB Datasheet
59Kb / 1P
   Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
16RHBP TOKO-16RHBP Datasheet
69Kb / 1P
   Radial Type Fixed Inductors
8RYBL TOKO-8RYBL Datasheet
53Kb / 1P
   Radial Type Fixed Inductors
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
   Radial Type Fixed Inductors
8RHT2 TOKO-8RHT2 Datasheet
63Kb / 1P
   Radial Type Fixed Inductors
10RB TOKO-10RB Datasheet
49Kb / 1P
   Radial Type Fixed Inductors
10RHT2 TOKO-10RHT2 Datasheet
98Kb / 2P
   Radial Type Fixed Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com