Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16RHBP-390K Datasheet(PDF) 1 Page - TOKO, Inc

Part # 16RHBP-390K
Description  Radial Type Fixed Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

16RHBP-390K Datasheet(HTML) 1 Page - TOKO, Inc

  16RHBP-390K Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16RHBP
Inductance Range: 10~1000
μH
19.2Max.
5.0
φ
0.7
(Unit: mm)
• Magnetically shielded construction and low leakage flux
type.
• 7.5mm-pitch, 2-terminal fixed inductor.
• Ideal for use as choke coil for high current DC circuits in
all types of electronic instruments.
• RoHS compliant
• 閉磁路構造、低漏れ磁束タイプ
• 7.5mmピッチの2端子構造
• 各種電子機器の大電流回路用チョークコイルに最適
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE 16RHBP
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max.
Inductance
Decrease Current
(3)
(A) Max.
=10%
Temperature
Rise Current
(3)
ΔT=40°C
(A) Max.
16RHBP-100M
10
± 20
20
7.00
5.20
16RHBP-150M
15
± 20
22
6.00
4.90
16RHBP-180M
18
± 20
25
5.20
4.70
16RHBP-220K
22
± 10
28
4.90
4.50
16RHBP-270K
27
± 10
32
4.30
4.30
16RHBP-330K
33
± 10
33
3.90
4.10
16RHBP-390K
39
± 10
36
3.70
3.90
16RHBP-470K
47
± 10
38
3.40
3.60
16RHBP-560K
56
± 10
42
3.10
3.50
16RHBP-680K
68
± 10
46
2.90
3.40
16RHBP-820K
82
± 10
49
2.80
3.10
16RHBP-101K
100
± 10
53
2.50
2.90
16RHBP-121K
120
± 10
70
2.20
2.70
16RHBP-151K
150
± 10
77
2.00
2.30
16RHBP-181K
180
± 10
100
1.80
2.10
16RHBP-221K
220
± 10
140
1.60
1.70
16RHBP-271K
270
± 10
200
1.40
1.50
16RHBP-331K
330
± 10
270
1.30
1.40
16RHBP-391K
390
± 10
410
1.20
1.10
16RHBP-471K
470
± 10
460
1.10
1.00
16RHBP-561K
560
± 10
510
1.00
0.98
16RHBP-681K
680
± 10
560
0.90
0.94
16RHBP-821K
820
± 10
630
0.83
0.91
16RHBP-102K
1000
± 10
690
0.75
0.86
・1.2mH∼10mHまで E-12シリーズで用意しております。
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent. Test frequency at 1.0kHz.
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1)
インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。測定周波数は1.0kHzです。
(2)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(3)
最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、コ
イルの温度が40℃上昇の何れか小さい値です。(周囲温度20℃
を基準とする。)
ΔL
L
FEATURES
/特長
DIMENSIONS
/外形寸法図
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - 16RHBP-390K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16R LITTELFUSE-16R Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
16R090B LITTELFUSE-16R090B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R1000G LITTELFUSE-16R1000G Datasheet
148Kb / 6P
   POLYFUSE Resettable PTCs
16R1000G LITTELFUSE-16R1000G Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
16R1000G LITTELFUSE-16R1000G Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 16RHBP-390K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RB TOKO-8RB Datasheet
48Kb / 1P
   Radial Type Fixed Inductors
8RBS TOKO-8RBS Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RDB TOKO-8RDB Datasheet
59Kb / 1P
   Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
8RHB2 TOKO-8RHB2 Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RYBL TOKO-8RYBL Datasheet
53Kb / 1P
   Radial Type Fixed Inductors
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
   Radial Type Fixed Inductors
8RHT2 TOKO-8RHT2 Datasheet
63Kb / 1P
   Radial Type Fixed Inductors
10RB TOKO-10RB Datasheet
49Kb / 1P
   Radial Type Fixed Inductors
10RHT2 TOKO-10RHT2 Datasheet
98Kb / 2P
   Radial Type Fixed Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com