Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

824LY-151K Datasheet(PDF) 1 Page - TOKO, Inc

Part # 824LY-151K
Description  Radial Type Fixed Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

824LY-151K Datasheet(HTML) 1 Page - TOKO, Inc

  824LY-151K Datasheet HTML 1Page - TOKO, Inc 824LY-151K Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10RHB2
Inductance Range: 10~3900
μH
with Heat Shynk Cover
φ
10.5Max.
15.5Max. 5.0
φ
0.7
(Unit: mm)
• Open magnetic circuit construction.
• High rated current.
• 5 mm-pitch, 2-terminals fixed inductor.
• Ideal for use as choke coil for high current DC circuits in
all types of electronic instruments.
• RoHS compliant.
• 開磁路構造
• 定格電流が大きい
• 5mmピッチの2端子形固定インダクタ
• 各種電子機器の大電流回路チョークコイルに最適
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE 10RHB2 Covered with Heat Shrunk Cover
熱収縮チューブカバー付
東光品番
インダクタンス
(1)
許容差
直流抵抗
(4)
最大許容電流
(2)
自己共振周波数
(3)(5)
TOKO
Part
Number
Inductance
(1)
L (
μH)
Tolerance
(%)
DC
Resistance
(4)
(
Ω) Max.
Rated DC
Current
(2)
(A) Max.
Self-resonant
Frequency
(3) (5)
(MHz) Min.
#824LY-100K
10
± 10
0.052
2.20
44
#824LY-120K
12
± 10
0.059
2.00
33
#824LY-150K
15
± 10
0.065
1.93
25
#824LY-180K
18
± 10
0.071
1.77
16
#824LY-220K
22
± 10
0.076
1.72
12
#824LY-270K
27
± 10
0.082
1.56
8.3
#824LY-330K
33
± 10
0.086
1.49
5.9
#824LY-390K
39
± 10
0.095
1.40
4.9
#824LY-470K
47
± 10
0.11
1.29
4.1
#824LY-560K
56
± 10
0.12
1.25
4.0
#824LY-680K
68
± 10
0.13
1.24
3.9
#824LY-820K
82
± 10
0.14
1.04
3.6
#824LY-101K
100
± 10
0.18
1.02
2.8
#824LY-121K
120
± 10
0.19
0.94
2.6
#824LY-151K
150
± 10
0.22
0.92
2.2
#824LY-181K
180
± 10
0.25
0.85
2.1
#824LY-221K
220
± 10
0.28
0.82
1.9
#824LY-271K
270
± 10
0.46
0.60
1.6
#824LY-331K
330
± 10
0.50
0.56
1.5
#824LY-391K
390
± 10
0.56
0.52
1.4
#824LY-471K
470
± 10
0.62
0.48
1.3
#824LY-561K
560
± 10
0.69
0.45
1.2
#824LY-681K
680
± 10
0.79
0.44
1.1
#824LY-821K
820
± 10
0.86
0.40
1.0
#824LY-102K
1000
± 10
1.60
0.31
0.87
#824LY-122K
1200
± 10
1.80
0.28
0.83
#824LY-152K
1500
± 10
2.10
0.27
0.77
#824LY-182K
1800
± 10
2.30
0.24
0.71
#824LY-222K
2200
± 10
2.60
0.24
0.66
#824LY-272K
2700
± 10
3.35
0.19
0.61
#824LY-332K
3300
± 10
4.00
0.18
0.52
#824LY-392K
3900
± 10
4.50
0.16
0.48
continued on next page
次頁へ続く
FEATURES
/特長
DIMENSIONS
/外形寸法図
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - 824LY-151K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
824L8B ETC1-824L8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
logo
Frequency Devices, Inc.
824L8B-2 FREQUENCYDEVICES-824L8B-2 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
824L8B-3 FREQUENCYDEVICES-824L8B-3 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
824L8B-4 FREQUENCYDEVICES-824L8B-4 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
824L8B-5 FREQUENCYDEVICES-824L8B-5 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
More results

Similar Description - 824LY-151K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RB TOKO-8RB Datasheet
48Kb / 1P
   Radial Type Fixed Inductors
8RBS TOKO-8RBS Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RDB TOKO-8RDB Datasheet
59Kb / 1P
   Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
   Radial Type Fixed Inductors
16RHBP TOKO-16RHBP Datasheet
69Kb / 1P
   Radial Type Fixed Inductors
8RHB2 TOKO-8RHB2 Datasheet
47Kb / 1P
   Radial Type Fixed Inductors
8RYBL TOKO-8RYBL Datasheet
53Kb / 1P
   Radial Type Fixed Inductors
8RHT2 TOKO-8RHT2 Datasheet
63Kb / 1P
   Radial Type Fixed Inductors
10RB TOKO-10RB Datasheet
49Kb / 1P
   Radial Type Fixed Inductors
10RHT2 TOKO-10RHT2 Datasheet
98Kb / 2P
   Radial Type Fixed Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com