Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD51RD8ABFA-7A Datasheet(PDF) 1 Page - Elpida Memory

Part # EBD51RD8ABFA-7A
Description  512MB Registered DDR SDRAM DIMM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD51RD8ABFA-7A Datasheet(HTML) 1 Page - Elpida Memory

  EBD51RD8ABFA-7A Datasheet HTML 1Page - Elpida Memory EBD51RD8ABFA-7A Datasheet HTML 2Page - Elpida Memory EBD51RD8ABFA-7A Datasheet HTML 3Page - Elpida Memory EBD51RD8ABFA-7A Datasheet HTML 4Page - Elpida Memory EBD51RD8ABFA-7A Datasheet HTML 5Page - Elpida Memory EBD51RD8ABFA-7A Datasheet HTML 6Page - Elpida Memory EBD51RD8ABFA-7A Datasheet HTML 7Page - Elpida Memory EBD51RD8ABFA-7A Datasheet HTML 8Page - Elpida Memory EBD51RD8ABFA-7A Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Document No. E0376E10 (Ver. 1.0)
Date Published April 2003 (K) Japan
URL: http://www.elpida.com
Elpida Memory,Inc. 2003
PRELIMINARY DATA SHEET
512MB Registered DDR SDRAM DIMM
EBD51RD8ABFA (64M words
×××× 72 bits, 1 Rank)
Description
The EBD51RD8ABFA is a 64M words
× 72 bits, 1 rank
Double Data Rate (DDR) SDRAM Module, mounting 9
pieces of DDR SDRAM sealed in TSOP package.
Read and write operations are performed at the cross
points of the CK and the /CK. This high-speed data
transfer is realized by the 2-bit prefetch-pipelined
architecture.
Data strobe (DQS) both for read and
write are available for high speed and reliable data bus
design. By setting extended mode register, the on-chip
Delay Locked Loop (DLL) can be set enable or disable.
This module provides high density mounting without
utilizing surface mount technology.
Decoupling
capacitors are mounted beside each TSOP on the
module board.
Features
• 184-pin socket type dual in line memory module
(DIMM)
 PCB height: 30.48mm
 Lead pitch: 1.27mm
• 2.5V power supply
• Data rate: 333Mbps/266Mbps (max.)
• 2.5 V (SSTL_2 compatible) I/O
• Double Data Rate architecture; two data transfers per
clock cycle
• Bi-directional, data strobe (DQS) is transmitted
/received with data, to be used in capturing data at
the receiver
• Data inputs and outputs are synchronized with DQS
• 4 internal banks for concurrent operation
(Component)
• DQS is edge aligned with data for READs; center
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
referenced to both edges of DQS
• Data mask (DM) for write data
• Auto precharge option for each burst access
• Programmable burst length: 2, 4, 8
• Programmable /CAS latency (CL): 2, 2.5
• Refresh cycles: (8192 refresh cycles /64ms)
 7.8µs maximum average periodic refresh interval
• 2 variations of refresh
 Auto refresh
 Self refresh
• 1 piece of PLL clock driver, 2 pieces of register
drivers and 1 piece of serial EEPROM (2k bits
EEPROM) for Presence Detect (PD)
This product became EOL in March, 2004.


Similar Part No. - EBD51RD8ABFA-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA-7A ELPIDA-EBD51RC4AAFA-7A Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA-7B ELPIDA-EBD51RC4AAFA-7B Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AKFA ELPIDA-EBD51RC4AKFA Datasheet
198Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
EBD51RC4AKFA-6B ELPIDA-EBD51RC4AKFA-6B Datasheet
198Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
More results

Similar Description - EBD51RD8ABFA-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
logo
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
   512MB DDR ??SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com