Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD52EC8AAFA Datasheet(PDF) 11 Page - Elpida Memory

Part # EBD52EC8AAFA
Description  512MB Unbuffered DDR SDRAM DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD52EC8AAFA Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBD52EC8AAFA Datasheet HTML 7Page - Elpida Memory EBD52EC8AAFA Datasheet HTML 8Page - Elpida Memory EBD52EC8AAFA Datasheet HTML 9Page - Elpida Memory EBD52EC8AAFA Datasheet HTML 10Page - Elpida Memory EBD52EC8AAFA Datasheet HTML 11Page - Elpida Memory EBD52EC8AAFA Datasheet HTML 12Page - Elpida Memory EBD52EC8AAFA Datasheet HTML 13Page - Elpida Memory EBD52EC8AAFA Datasheet HTML 14Page - Elpida Memory EBD52EC8AAFA Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
EBD52EC8AAFA
Data Sheet E0363E20 (Ver. 2.0)
11
Pin Capacitance (TA = 25°C, VDD = 2.5V ± 0.2V)
Parameter
Symbol
Pins
max.
Unit
Notes
Input capacitance
CI1
Address, /RAS, /CAS, /WE,
/CS, CKE
125
pF
Input capacitance
CI2
CK, /CK
85
pF
Data and DQS input/output
capacitance
CO
DQ, CB, DQS
20
pF
AC Characteristics (TA = 0 to +70
°°°°C, VDD, VDDQ = 2.5V ± 0.2V, VSS = 0V)
(DDR SDRAM Componen Specification)
Parameter
Symbol
min.
max
Unit
Notes
Clock cycle time
(CL = 2)
tCK
10
15
ns
(CL = 2.5)
tCK
7.5
15
ns
CK high-level width
tCH
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
tCK
CK half period
tHP
min
(tCH, tCL)
tCK
DQ output access time from
CK, /CK
tAC
–0.75
0.75
ns
DQS output access time from CK, /CK
tDQSCK
–0.75
0.75
ns
DQS to DQ skew
tDQSQ
0.5
ns
DQ/DQS output hold time from DQS
tQH
tHP – 0.75
ns
Data-out high-impedance time from CK, /CK
tHZ
–0.75
0.75
ns
1
Data-out low-impedance time from CK, /CK
tLZ
–0.75
0.75
ns
1
Read preamble
tRPRE
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
tCK
DQ and DM input setup time
tDS
0.5
ns
DQ and DM input hold time
tDH
0.5
ns
DQ and DM input pulse width
tDIPW
1.75
ns
Write preamble setup time
tWPRES
0
ns
3
Write preamble
tWPRE
0.25
tCK
Write postamble
tWPST
0.4
0.6
tCK
2
Write command to first DQS latching transition
tDQSS
0.75
1.25
tCK
DQS falling edge to CK setup time
tDSS
0.2
tCK
DQS falling edge hold time from CK
tDSH
0.2
tCK
DQS input high pulse width
tDQSH
0.35
tCK
DQS input low pulse width
tDQSL
0.35
tCK
Address and control input setup time
tIS
0.9
ns
6
Address and control input hold time
tIH
0.9
ns
6
Mode register set command cycle time
tMRD
15
ns
Active to Precharge command period
tRAS
45
120000
ns
Active to Active/Auto refresh command period
tRC
65
ns
Auto refresh to Active/Auto refresh command period
tRFC
75
ns
Active to Read/Write delay
tRCD
20
ns
Precharge to active command period
tRP
20
ns


Similar Part No. - EBD52EC8AAFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD52EC8AAFA-6B ELPIDA-EBD52EC8AAFA-6B Datasheet
185Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
More results

Similar Description - EBD52EC8AAFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AAFA ELPIDA-EBD52UC8AAFA Datasheet
186Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AJFA ELPIDA-EBD52UC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AMFA ELPIDA-EBD52UC8AMFA Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AAFA-6B ELPIDA-EBD52UC8AAFA-6B Datasheet
184Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52EC8AAFA-6B ELPIDA-EBD52EC8AAFA-6B Datasheet
185Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com