Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV34C4B3A1 Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EV34C4B3A1
Description  Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EV34C4B3A1 Datasheet(HTML) 1 Page - Ecliptek Corporation

  EV34C4B3A1 Datasheet HTML 1Page - Ecliptek Corporation EV34C4B3A1 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EV34C4 Series
• RoHS Compliant (Pb-Free)
• Voltage Controlled Crystal Oscillator (VCXO)
• 2.5V Supply Voltage
• LVCMOS output with Tri-State function
• Ceramic 6-pad SMD package
• APR Performance to ±100ppm
• Commercial and Industrial Temperature Range
ECLIPTEK CORP.
OSCILLATOR
EV34C4
CERAMIC
2.5V
OS7L
09/09
OSCILLATOR
EV34C4
ELECTRICAL SPECIFICATIONS
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H
1.3
L
5.0
W
3.2
Frequency Range (F
O)
Operating Temperature Range (OTR)
Storage Temperature Range (STR)
Supply Voltage (V
DD)
Input Current (I
DD)
Frequency Tolerance/Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time (T
R/TF)
Duty Cycle (SYM)
Load Drive Capability (C
LOAD)
Aging (at 25°C)
Start Up Time (T
S)
Tri-State Input Voltage
RMS Phase Jitter
Absolute Pull Range (APR)
Linearity
Control Voltage (V
C)
Control Voltage Range (V
CR)
Transfer Function
Input Impedance (Z
I)
Input Leakage Current
Modulation Bandwidth (MBW)
Typical Phase Noise (Fo = 27.000MHz)
Inclusive of All Conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range, Supply
Voltage Change, Output Load Change, Shock, and Vibration
I
OH = -4mA
I
OL = +4mA
20% to 80% of Waveform
at 50% of Waveform
V
IH: No Connection
V
IH: >0.9VDD
V
IL: <0.1VDD
F
J=12kHz to 20MHz
Inclusive of All Conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range, Supply
Voltage Change, Output Load Change, Shock, Vibration, and Aging
over Control Voltage (V
C)
Test Condition for APR
-3dB, V
C = 1.25VDC
At offset of 10Hz
At offset of 100Hz
At offset of 1kHz
At offset of 10kHz
At offset of 100kHz
At offset of 1MHz
0°C to +70°C or -40°C to +85°C
-55°C to +125°C
2.5V
DC ±5%
15mA Maximum
±50ppm Maximum
90% of V
DD Minimum
10% of V
DD Maximum
5 nSeconds Maximum
50 ±5(%) Typical, 50 ±10(%) Maximum
15pF Maximum
±2ppm/1st year typical, ±10ppm /10 years Max.
10 mSeconds Maximum
Enables Output
Enables Output
Disables Output: High Impedance
1pSec Maximum
±50ppm Minimum
±80ppm Minimum < 51.840MHz only
±100ppm Minimum < 36.000MHz only
10% Typical, 20% Maximum
0.2V
DC to 2.3VDC
0.0V
DC to VDD
Positive Transfer Characteristic
50kOhms Minimum
10µA Maximum
10kHz Minimum
-65dBc/Hz
-95dBc/Hz
-120dBc/Hz
-142dBc/Hz
-152dBc/Hz
-154dBc/Hz
1.544MHz, 2.000MHz, 2.048MHz, 3.088MHz, 3.580MHz, 3.686MHz, 4.000MHz, 4.032MHz, 4.096MHz, 4.434MHz,
5.000MHz, 6.144MHz, 6.176MHz, 6.312MHz, 6.400MHz, 8.000MHz, 8.192MHz, 8.448MHz, 10.000MHz,
12.000MHz, 12.288MHz, 12.352MHz, 12.960MHz, 13.000MHz, 13.500MHz, 14.318MHz, 15.360MHz, 15.440MHz,
16.000MHz, 16.384MHz, 16.660MHz, 17.664MHz, 18.432MHz, 19.200MHz, 19.440MHz, 20.000MHz, 20.480MHz,
24.000MHz, 24.576MHz, 24.704MHz, 25.000MHz, 25.920MHz, 26.000MHz, 27.000MHz, 28.636MHz, 30.000MHz,
30.720MHz, 32.000MHz, 32.768MHz, 34.368MHz, 35.328MHz, 36.864MHz, 38.880MHz, 40.000MHz, 40.960MHz,
44.736MHz, 49.152MHz, 50.000MHz, 51.840MHz, 52.000MHz, 62.208MHz, 65.536MHz, 74.250MHz, 77.760MHz


Similar Part No. - EV34C4B3A1

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EV34C3 ECLIPTEK-EV34C3 Datasheet
138Kb / 2P
   Oscillator
EV34C3A3A1 ECLIPTEK-EV34C3A3A1 Datasheet
138Kb / 2P
   Oscillator
EV34C3A4A1 ECLIPTEK-EV34C3A4A1 Datasheet
138Kb / 2P
   Oscillator
EV34C3A5A1 ECLIPTEK-EV34C3A5A1 Datasheet
138Kb / 2P
   Oscillator
EV34C3B3A1 ECLIPTEK-EV34C3B3A1 Datasheet
138Kb / 2P
   Oscillator
More results

Similar Description - EV34C4B3A1

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
   OSCILLATOR
EP13E7 ECLIPTEK-EP13E7 Datasheet
102Kb / 2P
   OSCILLATOR
EP15 ECLIPTEK-EP15 Datasheet
123Kb / 2P
   OSCILLATOR
E15D8 ECLIPTEK-E15D8 Datasheet
107Kb / 2P
   OSCILLATOR
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
   OSCILLATOR
logo
Ecliptek Corporation
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
   OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
   OSCILLATOR
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
   OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
   OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
   OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
   OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com