Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGP20F Datasheet(PDF) 3 Page - Shanghai Lunsure Electronic Tech

Part # EGP20F
Description  2.0Amp glass passivated high efficient rectifiers 50to800 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

EGP20F Datasheet(HTML) 3 Page - Shanghai Lunsure Electronic Tech

  EGP20F Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech EGP20F Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech EGP20F Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
100
4
0
15
30
45
8
Cycles
2
6
10 20
60 80
40
60
75
90
Figure 4
Peak Forward Surge Current
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1Ω
50Ω
10Ω
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 5
Reverse Recovery Time Characteristic And Test Circuit Diagram
Amps
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
EGP20A thru EGP20K
www.cnelectr .com


Similar Part No. - EGP20F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP20F ZOWIE-EGP20F Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Vishay Siliconix
EGP20F VISHAY-EGP20F Datasheet
77Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
logo
Fairchild Semiconductor
EGP20F FAIRCHILD-EGP20F Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
SUNMATE electronic Co.,...
EGP20F SUNMATE-EGP20F Datasheet
111Kb / 2P
   2.0A Axial Leaded High Efficiency Rectifier
logo
General Semiconductor
EGP20F GE-EGP20F Datasheet
61Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
More results

Similar Description - EGP20F

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
EGP10A CHENYI-EGP10A Datasheet
67Kb / 3P
   1.0Amp glass passivated high efficient rectifiers 50to800 volts
EGP30A CHENYI-EGP30A Datasheet
59Kb / 3P
   3.0Amp glass passivated high efficient rectifiers 50to800 volts
HER201G CHENYI-HER201G Datasheet
277Kb / 2P
   2.0Amp glass passivated high efficient rectifiers 50to1000 volts
GP20A CHENYI-GP20A Datasheet
47Kb / 3P
   2.0Amp glass passivated junction rectifiers 50to1000 volts
logo
Shenzhen Luguang Electr...
2A07G LUGUANG-2A07G Datasheet
1Mb / 2P
   2.0AMP. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_14 Datasheet
379Kb / 4P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com