Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5406GP Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # UF5406GP
Description  3Amp ultra fast glass passivated recovery rectifier 50to1000 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

UF5406GP Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  UF5406GP Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech UF5406GP Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech UF5406GP Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF5400GP
THRU
UF5408GP
3 Amp Ultra Fast
Glass Passivated
Recovery Rectifier
50 to 1000 Volts
Features
High Surge Capability
Glass Passivated Junction
Low Forward Voltage Drop
Ultra Fast Switching Speed For High Efficiency
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance 20
°C/W
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UF5400GP
---
50V
35V
50V
UF5401GP
---
100V
70V
100V
UF5402GP
---
200V
140V
200V
UF5404GP
---
400V
280V
400V
UF5406GP
---
600V
420V
400V
UF5407GP
---
800V
560V
800V
UF5408GP
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
UF5400GP-5402GP
VF
1.0V
IFM = 3.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
50
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
UF5400GP-5404GP
UF5406GP-5408GP
Trr
50ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
UF5400GP-5404GP
UF5406GP-5408GP
CJ
75pF
50pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-201AD
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
www.cnelectr.com
UF5404GP
1.3V
UF5406GP-5408GP
1.7V
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - UF5406GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UF5406GP MCC-UF5406GP Datasheet
85Kb / 3P
   3 Amp Ultra Fast Glass Passivated Recovery Rectifier 50 to 1000 Volts
UF5406GP MCC-UF5406GP Datasheet
85Kb / 3P
   3 Amp Ultra Fast Glass Passivated Recovery Rectifier 50 to 1000 Volts
UF5406GP MCC-UF5406GP Datasheet
424Kb / 4P
   3 Amp Ultra Fast Glass Passivated Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - UF5406GP

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
UF5400 CHENYI-UF5400 Datasheet
57Kb / 3P
   3Amp ultra fast recovery rectifier 50to1000 volts
UF4001GP CHENYI-UF4001GP Datasheet
256Kb / 2P
   1Amp glass passivated ultra fast recovery rectifier 50to1000 volts
UF4001 CHENYI-UF4001 Datasheet
338Kb / 2P
   1Amp ultra fast recovery rectifier 50to1000 volts
RGP15A CHENYI-RGP15A Datasheet
50Kb / 3P
   1.5Amp glass passivated junction fast recovery rectifiers 50to1000 volts
RGP20A CHENYI-RGP20A Datasheet
51Kb / 3P
   2.0Amp glass passivated juntion fast recovery rectifiers 50to1000 volts
RGP30A CHENYI-RGP30A Datasheet
52Kb / 3P
   3.0Amp glass passivated junction fast recovery rectifiers 50to1000 volts
logo
Solid States Devices, I...
SDR1304 SSDI-SDR1304_84 Datasheet
184Kb / 2P
   3AMP 200-800 VOLTS ULTRA FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
RL201GP CHENYI-RL201GP Datasheet
51Kb / 3P
   2Amp glass passivated rectifier 50to1000 volts
GBJ6005 CHENYI-GBJ6005 Datasheet
56Kb / 2P
   6Amp glass passivated bridge rectifier 50to1000 volts
GBJ8005 CHENYI-GBJ8005 Datasheet
58Kb / 2P
   8Amp glass passivated bridge rectifier 50to1000 volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com