Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF35 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # SF35
Description  3.0Amp super fast rectifier 50to600 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

SF35 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  SF35 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech SF35 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech SF35 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SF31
THRU
SF38
3.0 Amp Super Fast
Rectifier
50 to 600 Volts
Features
High Surge Capability
Low Forward Voltage Drop
High Current Capability
High Reliability
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
For capacitive load, derate current by 20%
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
SF31
50V
35V
50V
SF32
100V
70V
100V
SF33
150V
105V
150V
SF34
200V
140V
200V
SF35
300V
210V
300V
SF36
400V
280V
400V
SF38
600V
420V
600V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0 A
TC = 55
°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SF31-SF34
SF35-SF36
SF38
VF
.95V
1.3V
1.7V
IFM = 3.0A;
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100
µA
TC= 25
°C
TC = 100
°C
Typical Junction
Capacitance
SF31-SF34
SF35-SF38
CJ
100pF
80pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
Trr
35ns
IF=0.5A, IR=1.0A,
Irr=0.25A
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-201AD
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
www.cnelectr .com
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - SF35

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF35 MOSPEC-SF35 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF35 SAMYANG-SF35 Datasheet
445Kb / 2P
   SUPER FAST RECTIFIER
logo
Diotech Company.
SF35 DIOTECH-SF35 Datasheet
678Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Micro Commercial Compon...
SF35 MCC-SF35 Datasheet
155Kb / 3P
   3.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
Rugao Dachang Electroni...
SF35 DACHANG-SF35 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
More results

Similar Description - SF35

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MURH805CT CHENYI-MURH805CT Datasheet
400Kb / 2P
   8Amp super fast glass passivated rectifier 50to600 volts
MUR605CT CHENYI-MUR605CT Datasheet
344Kb / 2P
   6Amp super fast glass passivated rectifier 50to600 volts
MUR1505 CHENYI-MUR1505 Datasheet
195Kb / 2P
   15Amp super fast glass passivated rectifier 50to600 volts
MUR1605CT CHENYI-MUR1605CT Datasheet
613Kb / 2P
   16Amp super fast glass passivated rectifier 50to600 volts
MUR105GP CHENYI-MUR105GP Datasheet
58Kb / 3P
   1.0Amp glass passivated super fast recovery rectifier 50to600 volts
logo
SeCoS Halbleitertechnol...
SF31 SECOS-SF31 Datasheet
419Kb / 2P
   3.0AMP Super Fast Rectifiers
logo
Cystech Electonics Corp...
SF31G CYSTEKEC-SF31G Datasheet
263Kb / 3P
   3.0Amp. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
ES3MB LUGUANG-ES3MB Datasheet
1Mb / 2P
   3.0AMP Glass Passivated Super Fast Rectifiers
logo
Shanghai Lunsure Electr...
SF21 CHENYI-SF21 Datasheet
61Kb / 3P
   2.0Amp super fast rectifier 50to400 volts
logo
SeCoS Halbleitertechnol...
SUF301B SECOS-SUF301B Datasheet
219Kb / 2P
   3.0AMP Surface Mount Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com