Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1001 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # RS1001
Description  10Amp single phase bridge rectifier 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

RS1001 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  RS1001 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech RS1001 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RS1001 thru RS1007
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
40
60
100
120
140
20
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
80
8
10
12
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
.2
1.2
.4
.6
.8
1.0
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°
C
40
60
100
1.3
Figure 2
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
.4
.6
2
1
µAmps
20
120
40
60
80
100
.001
.002
.00
4
.006
.01
.02
.04
.06
.1
.2
4
6
10
140
1
100
4
0
50
100
150
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
00
200
250
300
TJ=25
°C
TJ=100
°C
www.cnelectr .com


Similar Part No. - RS1001

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RS1001 MCC-RS1001 Datasheet
78Kb / 2P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
MIC GROUP RECTIFIERS
RS1001 MIC-RS1001 Datasheet
113Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RS1001 CHENG-YI-RS1001 Datasheet
145Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIERS
logo
SUNMATE electronic Co.,...
RS1001 SUNMATE-RS1001 Datasheet
386Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
RS1001 MCC-RS1001 Datasheet
256Kb / 3P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - RS1001

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GBJ10005 CHENYI-GBJ10005 Datasheet
56Kb / 2P
   10Amp glass passivated bridge rectifier 50to1000 volts
KBU8A CHENYI-KBU8A Datasheet
318Kb / 2P
   8Amp single phase bridge rectifier 50to1000 volts
RS601 CHENYI-RS601 Datasheet
48Kb / 2P
   6Amp single phase bridge rectifier 50to1000 volts
RS201 CHENYI-RS201 Datasheet
81Kb / 2P
   2Amp single phase bridge rectifier 50to1000 volts
RS401L CHENYI-RS401L Datasheet
57Kb / 2P
   4Amp single phase bridge rectifier 50to1000 volts
DB151 CHENYI-DB151 Datasheet
126Kb / 2P
   1.5 Amp single phase bridge rectifier 50to1000 volts
DB101 CHENYI-DB101 Datasheet
50Kb / 2P
   1 Amp single phase glass passivated bridge rectifier 50to1000 volts
MB05M CHENYI-MB05M Datasheet
70Kb / 2P
   0.5Amp single phase glass passivated bridge retifier 50to1000 volts
GBJ6005 CHENYI-GBJ6005 Datasheet
56Kb / 2P
   6Amp glass passivated bridge rectifier 50to1000 volts
GBJ8005 CHENYI-GBJ8005 Datasheet
58Kb / 2P
   8Amp glass passivated bridge rectifier 50to1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com