Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1010CT Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # MUR1010CT
Description  10Amp super fast glass passivated rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MUR1010CT Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  MUR1010CT Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MUR1010CT Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MUR1010CT thru MUR1020CT
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperesversus
Case Temperature -
°C
Figure 3
Forward Derating Curve
60
80
100
120
140
160
0
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
8
12
16
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
.2
1.2
.4
.6
.8
1.0
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
40
60
100
1.4
Figure 2
Typical Reverse Characteristics
Volts
40
60
200
100
µAmps
20
140
40
60
100
120
.1
.2
.4
4
.6
1
2
4
6
10
20
400
600
1000
160
TJ=25
°C
www.cnelectr.com
1
100
4
0
20
30
40
8
Figure 4
Maximum Non-Repetitive Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
00
50
60
70


Similar Part No. - MUR1010CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1010CT MCC-MUR1010CT Datasheet
103Kb / 2P
   10 Amp Super Fast Gl ass Passivated Rectifier 100 to 200 Volts
logo
Nanjing International G...
MUR1010CT DGNJDZ-MUR1010CT Datasheet
4Mb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
MUR1010CT GOOD-ARK-MUR1010CT Datasheet
150Kb / 2P
   Glass Passivated Super Fast Rectifiers
logo
First Silicon Co., Ltd
MUR1010CT FS-MUR1010CT Datasheet
219Kb / 2P
   Glass passivated super fast rectifier Reverse voltage 100 to 600 volts forward current 10 ampers
logo
Rugao Dachang Electroni...
MUR1010CT DACHANG-MUR1010CT Datasheet
136Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 10 A
More results

Similar Description - MUR1010CT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG10ED50F SECOS-SFG10ED50F Datasheet
388Kb / 2P
   10Amp Super Fast Rectifier
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ISF81 RECTRON-ISF81 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF301P MIC-SF301P Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
SF161C RECTRON-SF161C_03 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SF161CTD SEMTECH_ELEC-SF161CTD Datasheet
397Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
SF81R SEMTECH_ELEC-SF81R Datasheet
380Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Electronics ...
SF11G CHENDA-SF11G Datasheet
578Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com