Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR2406FR Datasheet(PDF) 3 Page - Shanghai Lunsure Electronic Tech

Part # MR2406FR
Description  24Amp rectifier 50-1000 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MR2406FR Datasheet(HTML) 3 Page - Shanghai Lunsure Electronic Tech

  MR2406FR Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MR2406FR Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech MR2406FR Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FR2400FR thr FR2410FR
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Reverse Recovery Time Characteristic And Test Circuit Diagram
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
2
4
80
80
10
12
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TA=25
°C
40
60
100
14
TA=100
°C
www.cnelectr.com



Similar Part No. - MR2406FR

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MR2406FR MCC-MR2406FR Datasheet
389Kb / 3P
   24 Amp Rectifier 600 Volts
MR2406FR MCC-MR2406FR Datasheet
79Kb / 4P
   24 Amp Fast Recovery Rectifiers 50-1000 Volt
logo
Digitron Semiconductors
MR2406FR DIGITRON-MR2406FR Datasheet
120Kb / 4P
   24A FAST RECOVERY RECTIFIER
More results

Similar Description - MR2406FR

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MR2400 CHENYI-MR2400 Datasheet
63Kb / 3P
   24Amp recovery rectifier 50-1000 volts
RL101 CHENYI-RL101 Datasheet
49Kb / 3P
   1Amp rectifier 50-1000 volts
MR750 CHENYI-MR750 Datasheet
60Kb / 3P
   6Amp rectifier 50-1000 volts
logo
Solid States Devices, I...
SDA188A SSDI-SDA188A Datasheet
148Kb / 2P
   50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
logo
Micro Commercial Compon...
1N5391 MCC-1N5391 Datasheet
78Kb / 3P
   1.5 Amp Rectifier 50 - 1000 Volts
1N5400 MCC-1N5400 Datasheet
78Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05 Datasheet
82Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
1N4001 MCC-1N4001_11 Datasheet
180Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
MR750 MCC-MR750_06 Datasheet
126Kb / 5P
   6 Amp Rectifier 50 - 1000 Volts
1N5391 MCC-1N5391_11 Datasheet
442Kb / 4P
   1.5 Amp Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com