Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR751 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # MR751
Description  6Amp rectifier 50-1000 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MR751 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  MR751 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MR751 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech MR751 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MR750
thru
MR7510
6 Amp Rectifier
50 - 1000 Volts
Features
Low Cost
Low Forward Voltage Drop
High Current Capability
High Surge Current Capability
Low Leakage
Maximum Ratings
Operating Temperature: -65
°C to +175°C
Storage Temperature: -65
°C to +175°C
Maximum Thermal Resistance; 10
°C/W Junction To Ambient
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MR750
---
50V
35V
50V
MR751
---
100V
70V
100V
MR752
---
200V
140V
200V
MR754
---
400V
280V
400V
MR756
---
600V
420V
600V
MR758
---
800V
560V
800V
MR7510
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TA = 60
°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
0.9V
IFM = 6.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
25µA
1.0mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
www.cnelectr.com
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.332
.342
8.43
8.69
B
.234
.246
5.94
6.25
C
.050
.053
1.27
1.35
D
.990
1.010
25.15
25.65
2PL
Mark
LEADED BUTTON
LEADED BUTTON
LEADED BUTTON
LEADED BUTTON
A
D
B
C
1.25V
IFM = 100A;
TJ = 25
°C
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - MR751

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR751 MOTOROLA-MR751 Datasheet
188Kb / 6P
   HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
logo
Micro Commercial Compon...
MR751 MCC-MR751 Datasheet
90Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
logo
ON Semiconductor
MR751 ONSEMI-MR751 Datasheet
96Kb / 7P
   High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
Won-Top Electronics
MR751 WTE-MR751 Datasheet
43Kb / 4P
   6.0A STANDARD DIODE
logo
DIOTEC Electronics Corp...
MR751 DEC-MR751 Datasheet
82Kb / 1P
   25 AMP LEAD MOUNT BUTTON DIODES
More results

Similar Description - MR751

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR601 CHENYI-FR601 Datasheet
48Kb / 3P
   6Amp fast recovery rectifier 50 to 1000 volts
FR601GP CHENYI-FR601GP Datasheet
48Kb / 3P
   6Amp glass passivated fast recovery rectifier 50 to 1000 volts
MR750FR CHENYI-MR750FR Datasheet
52Kb / 3P
   6Amp fast recovery rectifier 50to100 volts
RL101 CHENYI-RL101 Datasheet
49Kb / 3P
   1Amp rectifier 50-1000 volts
MR2400FR CHENYI-MR2400FR Datasheet
118Kb / 3P
   24Amp rectifier 50-1000 volts
logo
Solid States Devices, I...
SDA188A SSDI-SDA188A Datasheet
148Kb / 2P
   50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
logo
Shanghai Lunsure Electr...
GBJ6005 CHENYI-GBJ6005 Datasheet
56Kb / 2P
   6Amp glass passivated bridge rectifier 50to1000 volts
logo
Micro Commercial Compon...
1N5391 MCC-1N5391 Datasheet
78Kb / 3P
   1.5 Amp Rectifier 50 - 1000 Volts
1N5400 MCC-1N5400 Datasheet
78Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05 Datasheet
82Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com