Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2560CT Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # MBR2560CT
Description  25Amp schottky barrier rectifier 20to100 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MBR2560CT Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  MBR2560CT Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MBR2560CT Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR2520CT thru MBR2560CT
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
25
50
100
130
150
0
0
5
8
10
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
75
15
20
30
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
. 2
.7
.3
.4
.5
.6
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
40
60
100
.8
Figure 2
Typical Reverse Characteristics
Volts
.4
.6
2
1
µAmps
20
150
50
75
100
125
.001
.002
.00
4
.006
.01
.02
.04
.06
.1
.2
4
6
10
175
TJ=25
°C
www.cnelectr.com
1
100
4
0
25
50
75
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
100
125
150
2545CT-2560CT
2520CT-2540CT


Similar Part No. - MBR2560CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR2560CT FAIRCHILD-MBR2560CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR2560CT PANJIT-MBR2560CT Datasheet
85Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR2560CT TSC-MBR2560CT Datasheet
208Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Diodes Incorporated
MBR2560CT DIODES-MBR2560CT Datasheet
65Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. D-2
logo
Micro Commercial Compon...
MBR2560CT MCC-MBR2560CT Datasheet
115Kb / 3P
   30 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR2560CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MS820 CHENYI-MS820 Datasheet
56Kb / 3P
   8Amp schottky barrier rectifier 20to100 volts
MBRX02520 CHENYI-MBRX02520 Datasheet
90Kb / 3P
   0.25Amp schottky barrier rectifier 20to100 volts
MBR1520CT CHENYI-MBR1520CT Datasheet
85Kb / 2P
   15Amp schottky barrier rectifier 20to100 volts
MBRF1020CT CHENYI-MBRF1020CT Datasheet
65Kb / 2P
   10Amp schottky barrier rectifier 20to100 volts
MBR2020CT CHENYI-MBR2020CT Datasheet
227Kb / 2P
   20Amp schottky barrier rectifier 20to100 volts
MBR1020 CHENYI-MBR1020 Datasheet
106Kb / 2P
   10Amp schottky barrier rectifier 20to100 volts
MBR1520 CHENYI-MBR1520 Datasheet
74Kb / 2P
   15Amp schottky barrier rectifier 20to100 volts
MBRX0520 CHENYI-MBRX0520 Datasheet
65Kb / 3P
   0.5Amp schottky rectifier 20to100 volts
MBR0520 CHENYI-MBR0520 Datasheet
55Kb / 2P
   0.5Amp schottky rectifier 20to100 volts
PF251 CHENYI-PF251 Datasheet
332Kb / 2P
   25Amp fast recover rectifier 50to1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com