Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR1640 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # MBR1640
Description  16Amp schottky barrier rectifier 20to60 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MBR1640 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  MBR1640 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MBR1640 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR1620
THRU
MBR1660
16 Amp
Schottky Barrier
Rectifier
Features
Maximum Ratings
A
B
C
K
J
I
G
F
E
D
N
M
L
H
PIN 1
PIN 2
CASE
PIN
12

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
E
.380
.420
9.65
10.67
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.190
.210
4.83
5.33
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40
N
.080
.115
2.03
2.92

Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +175°C
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR1620
MBR1620
20V
14V
20V
MBR1630
MBR1630
30V
21V
30V
MBR1635
MBR1635
35V
24.5V
35V
MBR1640
MBR1640
40V
28V
40V
MBR1645
MBR1645
45V
31.5V
45V
MBR1660
MBR1660
60V
42V
60V
Metal of siliconrectifier, majonty carrier conducton
Guard ring for transient protection
Low power loss high efficiency
High surge capacity, High current capability
TO-220AC
20 to 60 Volts
I
www.cnelectr.com
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
16A
TC = 125
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
T J =
J = 25
°C
VF
IFM = 16A
TJ = 25
°C
MBR1620-1645
MBR1660
MBR1620-1645
MBR1660
.63V
.75V
.57V
.65V
TJ = 125
°C
T J = 125
°C
TJ = 125
°C
IR
MBR1620-1645
MBR1660
MBR1620-1645
MBR1660
0.2mA
1mA
40mA
50mA
T J = 25
°C
TJ = 25
°C
Typical Junction
Capacitance
CJ
450pF
Measured at
1.0MHz, VR=4.0V
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - MBR1640

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1640 DIODES-MBR1640 Datasheet
65Kb / 2P
   16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. F-2
logo
Kersemi Electronic Co.,...
MBR1640 KERSEMI-MBR1640 Datasheet
478Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Micro Commercial Compon...
MBR1640 MCC-MBR1640 Datasheet
114Kb / 2P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR1640 KERSEMI-MBR1640 Datasheet
489Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Diodes Incorporated
MBR1640 DIODES-MBR1640 Datasheet
79Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. 8 - 2
More results

Similar Description - MBR1640

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MBR1620CT CHENYI-MBR1620CT Datasheet
237Kb / 2P
   16Amp schottky barrier rectifier 20to60 volts
MBR4020PT CHENYI-MBR4020PT Datasheet
477Kb / 2P
   40Amp schottky barrier rectifier 20to60 volts
MUR1605CT CHENYI-MUR1605CT Datasheet
613Kb / 2P
   16Amp super fast glass passivated rectifier 50to600 volts
MBR2520CT CHENYI-MBR2520CT Datasheet
218Kb / 2P
   25Amp schottky barrier rectifier 20to100 volts
MBRX02520 CHENYI-MBRX02520 Datasheet
90Kb / 3P
   0.25Amp schottky barrier rectifier 20to100 volts
MBR1520CT CHENYI-MBR1520CT Datasheet
85Kb / 2P
   15Amp schottky barrier rectifier 20to100 volts
MBRF1020CT CHENYI-MBRF1020CT Datasheet
65Kb / 2P
   10Amp schottky barrier rectifier 20to100 volts
logo
Micro Commercial Compon...
MBRD1045CTQ MCC-MBRD1045CTQ Datasheet
534Kb / 3P
   10Amp Schottky Barrier Rectifier 45 Volts
Rev.3-1-11012022
BAS48 MCC-BAS48 Datasheet
211Kb / 4P
   350mA Schottky Barrier Rectifier 40 Volts
logo
Shanghai Lunsure Electr...
MBR1020 CHENYI-MBR1020 Datasheet
106Kb / 2P
   10Amp schottky barrier rectifier 20to100 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com