Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS2516APTA-7AL-E Datasheet(PDF) 4 Page - Elpida Memory

Part # EDS2516APTA-7AL-E
Description  256M bits SDRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2516APTA-7AL-E Datasheet(HTML) 4 Page - Elpida Memory

  EDS2516APTA-7AL-E Datasheet HTML 1Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 2Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 3Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 4Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 5Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 6Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 7Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 8Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
EDS2516APTA
Data Sheet E0359E20 (Ver. 2.0)
4
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, execute power up sequence and initialization sequence before proper device operation is achieved
(refer to the Power up sequence).
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Note
Voltage on any pin relative to VSS
VT
–0.5 to VDD + 0.5 (≤ 4.6 (max.))
V
Supply voltage relative to VSS
VDD
–0.5 to +4.6
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
1.0
W
Operating temperature
TA
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions (TA = 0 to +70
°C)
Parameter
Symbol
min.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
3.0
3.6
V
1
VSS, VSSQ
0
0
V
2
Input high voltage
VIH
2.0
VDD + 0.3
V
3
Input low voltage
VIL
–0.3
0.8
V
4
Notes: 1. The supply voltage with all VDD and VDDQ pins must be on the same level.
2. The supply voltage with all VSS and VSSQ pins must be on the same level.
3. VIH (max.) = VDD + 2.0 V for pulse width ≤ 3ns at VDD.
4. VIL (min.) = VSS – 2.0 V for pulse width ≤ 3ns at VSS.


Similar Part No. - EDS2516APTA-7AL-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2516APTA-7AL ELPIDA-EDS2516APTA-7AL Datasheet
559Kb / 51P
   256M bits SDRAM
More results

Similar Description - EDS2516APTA-7AL-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDS2504ACTA ELPIDA-EDS2504ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
EDS2532AABH-1AR2 ELPIDA-EDS2532AABH-1AR2 Datasheet
613Kb / 48P
   256M bits SDRAM
EDS2532JEBH-6B ELPIDA-EDS2532JEBH-6B Datasheet
641Kb / 50P
   256M bits SDRAM
EDS2508ADTA ELPIDA-EDS2508ADTA Datasheet
724Kb / 50P
   256M bits SDRAM
EDS2732CABJ ELPIDA-EDS2732CABJ Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2532EESL-75 ELPIDA-EDS2532EESL-75 Datasheet
753Kb / 50P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com