Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS2516APTA-7AL-E Datasheet(PDF) 6 Page - Elpida Memory

Part # EDS2516APTA-7AL-E
Description  256M bits SDRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2516APTA-7AL-E Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDS2516APTA-7AL-E Datasheet HTML 2Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 3Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 4Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 5Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 6Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 7Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 8Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 9Page - Elpida Memory EDS2516APTA-7AL-E Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
EDS2516APTA
Data Sheet E0359E20 (Ver. 2.0)
6
DC Characteristics 2 (TA = 0 to +70
°C, VDD, VDDQ = 3.3V ± 0.3V, VSS, VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Note
Input leakage current
ILI
–1
1
µA
0 ≤ VIN ≤ VDD
Output leakage current
ILO
–1.5
1.5
µA
0 ≤ VOUT ≤ VDD, DQ = disable
Output high voltage
VOH
2.4
V
IOH = –4 mA
Output low voltage
VOL
0.4
V
IOL = 4 mA
Pin Capacitance (TA = 25°C, VDD, VDDQ = 3.3V ± 0.3V)
Parameter
Symbol Pins
min.
Typ
max.
Unit
Notes
Input capacitance
CI1
CLK
2.5
3.5
pF
1, 2, 4
CI2
Address, CKE, /CS, /RAS,
/CAS, /WE, UDQM and LDQM
2.5
3.8
pF
1, 2, 4
Data input/output capacitance
CI/O
DQ
4
6.5
pF
1, 2, 3, 4
Notes: 1. Capacitance measured with Boonton Meter or effective capacitance measuring method.
2. Measurement condition: f = 1MHz, 1.4V bias, 200mV swing.
3. UDQM and LDQM = VIH to disable DOUT.
4. This parameter is sampled and not 100% tested.


Similar Part No. - EDS2516APTA-7AL-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2516APTA-7AL ELPIDA-EDS2516APTA-7AL Datasheet
559Kb / 51P
   256M bits SDRAM
More results

Similar Description - EDS2516APTA-7AL-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDS2504ACTA ELPIDA-EDS2504ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
EDS2532AABH-1AR2 ELPIDA-EDS2532AABH-1AR2 Datasheet
613Kb / 48P
   256M bits SDRAM
EDS2532JEBH-6B ELPIDA-EDS2532JEBH-6B Datasheet
641Kb / 50P
   256M bits SDRAM
EDS2508ADTA ELPIDA-EDS2508ADTA Datasheet
724Kb / 50P
   256M bits SDRAM
EDS2732CABJ ELPIDA-EDS2732CABJ Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2532EESL-75 ELPIDA-EDS2532EESL-75 Datasheet
753Kb / 50P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com