Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ1006 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # GBJ1006
Description  10Amp glass passivated bridge rectifier 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

GBJ1006 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  GBJ1006 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech GBJ1006 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ10005
THRU
GBJ1010
10 Amp
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GBJ10005
---
50V
35V
50V
GBJ1001
---
100V
70V
100V
GBJ1002
---
200V
140V
200V
GBJ1004
---
400V
280V
400V
GBJ1006
---
600V
420V
600V
GBJ1008
---
800V
560V
800V
GBJ1010
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
Tc = 110
°C
Peak Forward Surge
Current
IFSM
170A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.05V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 µA
500uA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
55 pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
GBJ
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.170
1.190
29.70
30.30
B
.780
.800
19.70
20.30
C
.670
.710
17.00
18.00
D
.019
.019
4.70
4.90
E
.430
.440
10.80
11.20
G
.120
.130
3.10
3.40
www.cnelectr.com
I
.170
.190
4.40
4.80
J
.100
.110
2.50
2.90
K
.020
.030
0.60
0.80
L
.080
.090
2.00
2.40
M
.040
.040
0.90
1.10
O
.290
.300
7.30
7.70
N
.390
.400
9.80
10.20
H
.130
.150
3.40
3.80
F
.090
.110
2.30
2.70
Typical thermal
resistance
ROJC
1.4
/W
°C
+
A
B
D
E
F
G
H
I
J
K
L
M
O
N
C
O
P
P
.150
.170
3.80
4.20
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop, high current capability.
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
IFM = 5.0A
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - GBJ1006

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ1006 DIODES-GBJ1006 Datasheet
65Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS21218 Rev. D-2
logo
SAMYANG ELECTRONICS CO....
GBJ1006 SAMYANG-GBJ1006 Datasheet
1Mb / 3P
   Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ1006 MCC-GBJ1006 Datasheet
213Kb / 3P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
GBJ1006 SUNTAN-GBJ1006 Datasheet
261Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBJ1006 MCC-GBJ1006 Datasheet
89Kb / 2P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBJ1006

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GBJ6005 CHENYI-GBJ6005 Datasheet
56Kb / 2P
   6Amp glass passivated bridge rectifier 50to1000 volts
GBJ8005 CHENYI-GBJ8005 Datasheet
58Kb / 2P
   8Amp glass passivated bridge rectifier 50to1000 volts
GBJ20005 CHENYI-GBJ20005 Datasheet
54Kb / 2P
   20Amp glass passivated bridge rectifier 50to1000 volts
KBP2005 CHENYI-KBP2005 Datasheet
557Kb / 2P
   2.0Amp glass passivated bridge rectifier 50to1000 volts
GBJ25005 CHENYI-GBJ25005 Datasheet
53Kb / 2P
   25Amp glass passivated bridge rectifier 50to1000 volts
GBJ15005 CHENYI-GBJ15005 Datasheet
57Kb / 2P
   15Amp glass passivated bridge rectifier 50to1000 volts
RS1001 CHENYI-RS1001 Datasheet
45Kb / 2P
   10Amp single phase bridge rectifier 50to1000 volts
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
   4Amp glass passivated bridge rectifiers 50to1000 volts
HDB101G CHENYI-HDB101G Datasheet
64Kb / 2P
   1.0Amp glass passivated bridge high efficient rectifier 50to1000 volts
RL201GP CHENYI-RL201GP Datasheet
51Kb / 3P
   2Amp glass passivated rectifier 50to1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com