Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR303GP Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # FR303GP
Description  3Amp Fast Recovery Rectifier 50 to 1000 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

FR303GP Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  FR303GP Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech FR303GP Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech FR303GP Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FR301GP
THRU
FR307GP
3 Amp Fast Recovery
Rectifier
50 to 1000 Volts
Features
Low Cost
Low Leakage
Low Forward Voltage Drop
High Current Capability
Fast Switching Speed For High Efficiency
Glass Passivated Junction
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR301GP
---
50V
35V
50V
FR302GP
---
100V
70V
100V
FR303GP
---
200V
40V
200V
FR304GP
---
400V
280V
400V
FR305GP
---
600V
420V
600V
FR306GP
---
800V
560V
800V
FR307GP
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 3.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
100
µA
TA = 25
°C
TA = 55
°C
Maximum Reverse
Recovery Time
FR301GP-304GP
FR305GP
FR306GP-307GP
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
50pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-201AD
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
www.cnelectr.com
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - FR303GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR303GP MCC-FR303GP Datasheet
80Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR303GP MCC-FR303GP Datasheet
473Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR303GP MCC-FR303GP Datasheet
496Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR303GP MCC-FR303GP Datasheet
237Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Chenmko Enterprise Co. ...
FR303GPT CHENMKO-FR303GPT Datasheet
81Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR303GP

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR601 CHENYI-FR601 Datasheet
48Kb / 3P
   6Amp fast recovery rectifier 50 to 1000 volts
UF5400 CHENYI-UF5400 Datasheet
57Kb / 3P
   3Amp ultra fast recovery rectifier 50to1000 volts
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR601-R-6 YFWDIODE-FR601-R-6 Datasheet
397Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FS2AFL MCC-FS2AFL Datasheet
334Kb / 4P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR601 YFWDIODE-FR601 Datasheet
95Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
FR501 CHENYI-FR501 Datasheet
48Kb / 3P
   5 Amp fast recovery rectifier 50 to 1000 volts
logo
Micro Commercial Compon...
FR151S MCC-FR151S Datasheet
232Kb / 4P
   1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR10A MCC-FR10A_11 Datasheet
247Kb / 4P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FS2A-L MCC-FS2A-L Datasheet
104Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com