Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD2516KCTA-SI Datasheet(PDF) 1 Page - Elpida Memory

Part # EDD2516KCTA-SI
Description  256M bits DDR SDRAM 256M bits DDR SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2516KCTA-SI Datasheet(HTML) 1 Page - Elpida Memory

  EDD2516KCTA-SI Datasheet HTML 1Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 2Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 3Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 4Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 5Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 6Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 7Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 8Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Document No. E0555E40 (Ver.4.0)
Date Published December 2005 (K) Japan
Printed in Japan
URL: http://www.elpida.com
©Elpida Memory, Inc. 2004-2005
PRELIMINARY DATA SHEET
256M bits DDR SDRAM
with Super Self-Refresh
EDD2516KCTA-SI (16M words
× 16 bits)
Specifications
• Density: 256M bits
• Organization
⎯ 4M words × 16 bits × 4 banks
• Package: 66-pin plastic TSOP (II)
⎯ Lead-free (RoHS compliant)
• Power supply: VDD, VDDQ = 2.5V ± 0.2V
• Data rate: 333Mbps/266Mbps (max.)
• Four internal banks for concurrent operation
• Interface: SSTL_2
• Burst lengths (BL): 2, 4, 8
• Burst type (BT):
⎯ Sequential (2, 4, 8)
⎯ Interleave (2, 4, 8)
• /CAS Latency (CL): 2, 2.5
• Precharge: auto precharge operation for each burst
access
• Driver strength: normal/weak
• Refresh: auto-refresh, super self-refresh with Auto
Temperature Compensated Self-refresh (ATCSR)
function
• Refresh cycles: 8192 cycles/64ms
⎯ Average refresh period: 7.8μs
• Operating ambient temperature range
⎯ TA = −40°C to +85°C
Features
• Double-data-rate architecture; two data transfers per
clock cycle
• The high-speed data transfer is realized by the 2 bits
prefetch pipelined architecture
• Bi-directional data strobe (DQS) is transmitted
/received with data for capturing data at the receiver
• DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• SSR Flag function available
Pin Configurations
/xxx indicates active low signal.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
SF
VDD
NC
LDM
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10(AP)
A0
A1
A2
A3
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
/CK
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
Address input
Bank select address
Data-input/output
Input and output data strobe
Chip select
Row address strobe command
Column address strobe command
Write enable
Input mask
Clock input
Differential clock input
Clock enable
Input reference voltage
Power for internal circuit
Ground for internal circuit
Power for DQ circuit
Ground for DQ circuit
No connection
SSR Flag
A0 to A12
BA0, BA1
DQ0 to DQ15
UDQS/LDQS
/CS
/RAS
/CAS
/WE
UDM/LDM
CK
/CK
CKE
VREF
VDD
VSS
VDDQ
VSSQ
NC
SF
66-pin Plastic TSOP(II)
(Top view)
This product became EOL in April, 2007.


Similar Part No. - EDD2516KCTA-SI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516KCTA-6BS-E ELPIDA-EDD2516KCTA-6BS-E Datasheet
578Kb / 52P
   256M bits DDR SDRAM with Super Self-Refresh
EDD2516KCTA-7AS-E ELPIDA-EDD2516KCTA-7AS-E Datasheet
578Kb / 52P
   256M bits DDR SDRAM with Super Self-Refresh
EDD2516KCTA-7BS-E ELPIDA-EDD2516KCTA-7BS-E Datasheet
578Kb / 52P
   256M bits DDR SDRAM with Super Self-Refresh
More results

Similar Description - EDD2516KCTA-SI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516AKTA ELPIDA-EDD2516AKTA Datasheet
509Kb / 49P
   256M bits DDR SDRAM
EDD2508ARTA-5B ELPIDA-EDD2508ARTA-5B Datasheet
380Kb / 33P
   256M bits DDR SDRAM
EDD2508AMTA-5 ELPIDA-EDD2508AMTA-5 Datasheet
380Kb / 34P
   256M bits DDR SDRAM
EDD2508AMTA-5B-E ELPIDA-EDD2508AMTA-5B-E Datasheet
377Kb / 33P
   256M bits DDR SDRAM
EDD2516AKTA-5 ELPIDA-EDD2516AKTA-5 Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516ARTA-6B ELPIDA-EDD2516ARTA-6B Datasheet
388Kb / 33P
   256M bits DDR SDRAM
EDD2508AKTA ELPIDA-EDD2508AKTA Datasheet
494Kb / 50P
   256M bits DDR SDRAM
EDD2516AMTA-6B-E ELPIDA-EDD2516AMTA-6B-E Datasheet
378Kb / 33P
   256M bits DDR SDRAM
EDD2504AJTA ELPIDA-EDD2504AJTA Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2508AMTA ELPIDA-EDD2508AMTA Datasheet
382Kb / 34P
   256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com