Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79C6V8 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # BZX79C6V8
Description  500mW Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

BZX79C6V8 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  BZX79C6V8 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech BZX79C6V8 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech BZX79C6V8 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech BZX79C6V8 Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (TL= 30OC Unless Otherwise Noted, VF=1.5V Max @ IF=100mA for all types)
Zener Voltage
(2)
Leakage Current
VBR
VZ (Volts)
@ IZT
ZZT @ IZT
(3)
(f=1.0KHz)
IR @ V R
mV/
OC
C
VZ=0, f=1.0MHz
Device
(1)
Device
Marking
Min
Nom
Max
uA
Ohms
uA
Volts
Min
Max
pF
BZX79C2V4
79C2V4
2.28
2.4
2.52
5.0
100
100
1.0
-3.5
0
255
BZX79C2V7
79C2V7
2.57
2.7
2.84
5.0
100
75
1.0
-3.5
0
230
BZX79C3V0
79C3V0
2.85
3.0
3.15
5.0
95
50
1.0
-3.5
0
215
BZX79C3V3
79C3V3
3.14
3.3
3.47
5.0
95
25
1.0
-3.5
0
200
BZX79C3V6
79C3V6
3.42
3.6
3.78
5.0
90
15
1.0
-3.5
0
185
BZX79C3V9
79C3V9
3.71
3.9
4.10
5.0
90
10
1.0
-3.5
0.3
175
BZX79C4V7
79C4V7
4.47
4.7
4.94
5.0
80
3.0
2.0
-3.5
0.2
130
BZX79C5V1
79C5V1
4.85
5.1
5.36
5.0
60
2.0
2.0
-2.7
1.2
110
BZX79C5V6
79C5V6
5.32
5.6
5.88
5.0
40
1.0
2.0
-2.0
2.5
95
BZX79C6V2
79C6V2
5.89
6.2
6.51
5.0
10
3.0
4.0
0.4
3.7
90
BZX79C6V8
79C6V8
6.46
6.8
7.19
5.0
15
2.0
4.0
1.2
4.5
85
BZX79C7V5
79C7V5
7.13
7.5
7.88
5.0
15
1.0
5.0
2.5
5.3
80
BZX79C8V2
79C8V2
7.79
8.2
8.61
5.0
15
0.7
5.0
3.2
6.2
75
BZX79C10
79C10
9.5
10
10.5
5.0
20
0.2
7.0
4.5
8.0
70
BZX79C12
79C12
11.4
12
12.6
5.0
25
0.1
8.0
6.0
10
65
BZX79C15
79C15
14.25
15
15.75
5.0
30
0.05
10.5
9.2
13
55
BZX79C16
79C16
15.2
16
16.8
5.0
40
0.05
11.2
10.4
14
52
BZX79C18
79C18
17.1
18
18.9
5.0
45
0.05
12.6
12.9
16
47
BZX79C22
79C22
20.9
22
23.1
5.0
55
0.05
15.4
16.4
20
34
BZX79C24
79C24
22.8
24
25.2
5.0
70
0.05
16.8
18.4
22
33
BZX79C27
79C27
25.65
27
28.35
5.0
80
0.05
18.9
---
23.5
30
BZX79C30
79C30
28.5
30
31.5
5.0
80
0.05
21
---
26
27
BZX79C33
79C33
31.35
33
34.65
5.0
80
0.05
23.1
---
29
25
Note:
1) Tolerance and voltage designation
Tolerance designation- the type numbers listed have zener voltage min/max limits as shown.
2) Reverse zener voltage (VZ) Measurement
Reverse zener voltage is measured under pulse conditions such that Tj is no more than 2
OC above
TA
3) Zener impedance (ZZ) derivation
ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current
applied. The specified limits are for IZ(ac)=0.1 IZ(dc) with the ac frequency=1.0KHz.
BZX79C2V4 thru BZX79C33
www.cnelectr.com


Similar Part No. - BZX79C6V8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C6V8 FAIRCHILD-BZX79C6V8 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Continental Device Indi...
BZX79C6V8 CDIL-BZX79C6V8 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
Fairchild Semiconductor
BZX79C6V8 FAIRCHILD-BZX79C6V8 Datasheet
47Kb / 5P
   Zeners
logo
New Jersey Semi-Conduct...
BZX79C6V8 NJSEMI-BZX79C6V8 Datasheet
132Kb / 2P
   ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C6V8 EIC-BZX79C6V8 Datasheet
36Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX79C6V8

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com