Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68SEC000D Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC68SEC000D
Description  Addendum to M68000 User Manual
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68SEC000D Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC68SEC000D Datasheet HTML 2Page - Motorola, Inc MC68SEC000D Datasheet HTML 3Page - Motorola, Inc MC68SEC000D Datasheet HTML 4Page - Motorola, Inc MC68SEC000D Datasheet HTML 5Page - Motorola, Inc MC68SEC000D Datasheet HTML 6Page - Motorola, Inc MC68SEC000D Datasheet HTML 7Page - Motorola, Inc MC68SEC000D Datasheet HTML 8Page - Motorola, Inc MC68SEC000D Datasheet HTML 9Page - Motorola, Inc MC68SEC000D Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
M68000 USER’S MANUAL ADDENDUM
MOTOROLA
8-bit mode requires two bus cycles to fetch the immediate data of the STOP instruction. After the
processor clock is disabled, it is often necessary to disable the clock to other sections of your circuit.
This can be done, but be careful that runt clocks and spurious glitches are not presented to the
MC68SEC000. A timing diagram is shown in Figure 4.
Figure 4. MC68SEC000 Clock Stop Timing for 16-Bit Data Bus
Note: While the MC68SEC000 is in the low-power mode, all inputs must be driven to VDD or VSS, or have a
pull-up or pull-down resistor.
3.
This step is optional depending on whether your applications require the MC68SEC000 signals with
three-state capability to be placed into a high-impedance state. To place the MC68SEC000 into a
three-state condition, the proper method for arbitrating the bus (as described in 5.2 Bus Arbitration
in the
M68000 User’s Manual, Rev 8) should be completed during the fetch of the status register data
for the STOP instruction. A timing diagram with the bus arbitration sequence is shown in Figure 5.
Figure 5. MC68SEC000 Clock Stop Timing with Bus Arbitration for 16-Bit Data Bus
Write to
Low-Power
Address
Fetch Immediate
Data of STOP
Instruction
Stop
CLK
S0 S1 S2 S3 S4 S5 S6 S7
S0 S1 S2 S3 S4 S5 S6 S7
CPU_CLK
DTACK
RW
AS
BR
BG
CLK
S0 S1 S2 S3 S4 S5 S6 S7
S0 S1 S2 S3 S4 S5 S6 S7
CPU_CLK
DTACK
RW
AS
Write to
Low-Power
Address
Fetch Immediate
Data of STOP
Instruction
Stop


Similar Part No. - MC68SEC000D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000D MOTOROLA-MC68SEC000D Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
More results

Similar Description - MC68SEC000D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
   User Manual
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
   User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
   USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
   User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
   User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
   M68060 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
   WIZ820io User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
   LPC800 User manual
Rev. 1.0-7 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com