Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE11UD8ABFV-BE-E Datasheet(PDF) 1 Page - Elpida Memory

Part # EBE11UD8ABFV-BE-E
Description  1GB Unbuffered DDR2 SDRAM DIMM HYPER DIMM?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE11UD8ABFV-BE-E Datasheet(HTML) 1 Page - Elpida Memory

  EBE11UD8ABFV-BE-E Datasheet HTML 1Page - Elpida Memory EBE11UD8ABFV-BE-E Datasheet HTML 2Page - Elpida Memory EBE11UD8ABFV-BE-E Datasheet HTML 3Page - Elpida Memory EBE11UD8ABFV-BE-E Datasheet HTML 4Page - Elpida Memory EBE11UD8ABFV-BE-E Datasheet HTML 5Page - Elpida Memory EBE11UD8ABFV-BE-E Datasheet HTML 6Page - Elpida Memory EBE11UD8ABFV-BE-E Datasheet HTML 7Page - Elpida Memory EBE11UD8ABFV-BE-E Datasheet HTML 8Page - Elpida Memory EBE11UD8ABFV-BE-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Document No. E0529E12 (Ver. 1.2)
Date Published February 2006 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2004-2006
PRELIMINARY DATA SHEET
1GB Unbuffered DDR2 SDRAM DIMM
HYPER DIMM
EBE11UD8ABFV (128M words
× 64 bits, 2 Ranks)
Description
The EBE11UD8ABFV is 128M words
× 64 bits, 2 ranks
DDR2 SDRAM unbuffered module, mounting 16 pieces
of 512M bits DDR2 SDRAM sealed in FBGA package.
Read and write operations are performed at the cross
points of the CK and the /CK. This high-speed data
transfer is realized by the 4 bits prefetch-pipelined
architecture.
Data strobe (DQS and /DQS) both for
read and write are available for high speed and reliable
data bus design. By setting extended mode register,
the on-chip Delay Locked Loop (DLL) can be set
enable or disable. This module provides high density
mounting without utilizing surface mount technology.
Decoupling capacitors are mounted beside each FBGA
on the module board.
Note: Do not push the components or drop the
modules in order to avoid mechanical defects,
which may result in electrical defects.
Features
• 240-pin socket type dual in line memory module
(DIMM)
 PCB height: 30.0mm
 Lead pitch: 1.0mm
 Lead-free
• 1.85V power supply
• Data rate: 667Mbps/600Mbps (max.)
• SSTL_18 compatible I/O
• Double-data-rate architecture: two data transfers per
clock cycle
• Bi-directional, differential data strobe (DQS and
/DQS) is transmitted/received with data, to be used in
capturing data at the receiver
• DQS is edge aligned with data for READs: center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge: data
and data mask referenced to both edges of DQS
• Four internal banks for concurrent operation
(Component)
• Data mask (DM) for write data
• Burst lengths: 4, 8
• /CAS Latency (CL): 3, 4, 5
• Auto precharge operation for each burst access
• Auto refresh and self refresh modes
• 7.8µs average periodic refresh interval
• Posted CAS by programmable additive latency for
better command and data bus efficiency
• Off-Chip-Driver Impedance Adjustment and On-Die-
Termination for better signal quality
• /DQS can be disabled for single-ended Data Strobe
operation
This product became EOL in April, 2005.


Similar Part No. - EBE11UD8ABFV-BE-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11UD8ABFA ELPIDA-EBE11UD8ABFA Datasheet
173Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8ABFA-4A-E ELPIDA-EBE11UD8ABFA-4A-E Datasheet
173Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
EBE11UD8ABFA-5C-E ELPIDA-EBE11UD8ABFA-5C-E Datasheet
173Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM (128M words x 64 bits, 2 Ranks)
More results

Similar Description - EBE11UD8ABFV-BE-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AEWA ELPIDA-EBE10UE8AEWA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHFA ELPIDA-EBE11UD8AHFA Datasheet
188Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACWB ELPIDA-EBE10UE8ACWB Datasheet
239Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AGWA ELPIDA-EBE11ED8AGWA Datasheet
222Kb / 25P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AJWA ELPIDA-EBE11UD8AJWA Datasheet
249Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AFFA ELPIDA-EBE10UE8AFFA Datasheet
228Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com