Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSOZA404 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # BSOZA404
Description  BIG SOZA CELL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

BSOZA404 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  BSOZA404 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech BSOZA404 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shanghai Lunsure Electronic
Technology Co.,LTD
Tel:0086-21-37185008
Fax:0086-21-57152769
Features
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Mechanical Data
Copper slug
Technology: cell with vcauum soldered
Polarity: blue dots denotes cathode end
Mounting Position: Any
Weigth: 0.7 grams
Maximum Ratings and Electrical Charactristics
Rating at 25
oC ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
Parameters
Symbols BSOZA401 BSOZA402 BSOZA403 BSOZA404 BSOZA406
Units
Maximum repetitive peak reverse voltage
VRRM
100
200
300
400
600
Volts
Maximum RM S voltage
VRMS
70
140
210
280
420
Volts
Maximum DC blocking voltage
VDC
100
200
300
400
600
Volts
Maximum Average rectified forward current
at TC=110
oC
Io
40
Amps
Peak forward surge current 8.3mS single
half sine-wave superimposed on rated load
(JE DEC Method)
IFSM
500
Amps
Maximum instantaneous forward voltage
drop at 100A
VF
1.08
Volts
Maximum DC reverse current TA=25
oC
IR
5
uA
at rated DC blocking voltage TA=150
oC
250
Typical thermal resistance
RθJC
1.0
oC/W
Operating and storage temperature
TJ,TSTG
-65 to +175
oC
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
BSOZA401
THRU
BSOZA406
BIG SOZA CELL
VOLTAGE RANGE
100 TO 600 VOLTS
CURRENT 40AMPS
.299(7.6)
.283(7.2)
DIA
0.078(2.0)
0.086(2.2)
BS
Dimensions in inches and millimeters


Similar Part No. - BSOZA404

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
BSOZA404 MIC-BSOZA404 Datasheet
38Kb / 2P
   BIG SOZA CELL
More results

Similar Description - BSOZA404

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
BSOZAA30L MIC-BSOZAA30L Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZAA30M CHENYI-BSOZAA30M Datasheet
48Kb / 2P
   BIG SOZA CELL
BSOZAA40Z CHENYI-BSOZAA40Z Datasheet
48Kb / 2P
   BIG SOZA CELL
logo
MIC GROUP RECTIFIERS
BSOZAA40M MIC-BSOZAA40M Datasheet
20Kb / 1P
   BIG SOZA CELL
BSOZAA40Z MIC-BSOZAA40Z Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZAA50M CHENYI-BSOZAA50M Datasheet
48Kb / 2P
   BIG SOZA CELL
logo
MIC GROUP RECTIFIERS
BSOZAA30Z MIC-BSOZAA30Z Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZA301 CHENYI-BSOZA301 Datasheet
160Kb / 2P
   BIG SOZA CELL
BSOZAA40M CHENYI-BSOZAA40M Datasheet
48Kb / 2P
   BIG SOZA CELL
logo
MIC GROUP RECTIFIERS
BSOZAA30M MIC-BSOZAA30M Datasheet
20Kb / 1P
   BIG SOZA CELL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com