Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC1002 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # KBPC1002
Description  10 Amp single phase bridge rectifier 50to1000volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

KBPC1002 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  KBPC1002 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech KBPC1002 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC10005
THRU
KBPC1010
10 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
BR-8
Features
Plastic Case
Low Forward Voltage
Any Mounting Position
Silver Plated Copper Leads
Surge Overload Rating Of 150 Amps
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.730
.770
18.54
19.56
2PL
B
.230
.270
5.84
6.86
C
.750
---
19.10
---
D
.480
.520
12.19
13.21
2PL
E
.048
.052
1.20
1.30
4PL/TYP
G
.145
---
3.70
---
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
KBPC10005 BR10005
50V
35V
50V
KBPC1001
BR1001
100V
70V
100V
KBPC1002
BR1002
200V
140V
200V
KBPC1004
BR1004
400V
280V
400V
KBPC1006
BR1006
600V
420V
600V
KBPC1008
BR1008
800V
560V
800V
KBPC1010
BR1010
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10.0A
TJ = 50
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.10V
IFM = 3.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1 mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
B
C
E
D
A
AC
+
-
A
AC
G
www.cnelectr.com
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - KBPC1002

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1002 WTE-KBPC1002 Datasheet
47Kb / 3P
   10A HIGH CURRENT BRIDGE RECTIFIER
logo
RFE international
KBPC1002 RFE-KBPC1002 Datasheet
1Mb / 3P
   Bridge Rectifiers
12-21-2022
logo
SEMTECH ELECTRONICS LTD...
KBPC1002 SEMTECH_ELEC-KBPC1002 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Suntan Capacitors
KBPC1002 SUNTAN-KBPC1002 Datasheet
216Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC1002 JGD-KBPC1002 Datasheet
124Kb / 2P
   SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBPC1002

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BR805 CHENYI-BR805 Datasheet
97Kb / 2P
   8 amp single phase bridge rectifier 50to1000volts
logo
Goodwork Semiconductor ...
GBU1001 GWSEMI-GBU1001 Datasheet
63Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR1005 FORMOSA-BR1005 Datasheet
29Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBU1001 GWSEMI-KBU1001 Datasheet
64Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR1005-BR1010 DGNJDZ-BR1005-BR1010 Datasheet
225Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
KBPC1005 DGNJDZ-KBPC1005 Datasheet
193Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
BR1005 GWSEMI-BR1005 Datasheet
61Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
BR1005 UNIOHM-BR1005 Datasheet
60Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Bytes
BR1005 BYTES-BR1005 Datasheet
145Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC1005S DGNJDZ-KBPC1005S Datasheet
59Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com