Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD5116ADTA-7ALI Datasheet(PDF) 6 Page - Elpida Memory

Part # EDD5116ADTA-7ALI
Description  512M bits DDR SDRAM WTR (Wide Temperature Range)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD5116ADTA-7ALI Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDD5116ADTA-7ALI Datasheet HTML 2Page - Elpida Memory EDD5116ADTA-7ALI Datasheet HTML 3Page - Elpida Memory EDD5116ADTA-7ALI Datasheet HTML 4Page - Elpida Memory EDD5116ADTA-7ALI Datasheet HTML 5Page - Elpida Memory EDD5116ADTA-7ALI Datasheet HTML 6Page - Elpida Memory EDD5116ADTA-7ALI Datasheet HTML 7Page - Elpida Memory EDD5116ADTA-7ALI Datasheet HTML 8Page - Elpida Memory EDD5116ADTA-7ALI Datasheet HTML 9Page - Elpida Memory EDD5116ADTA-7ALI Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
EDD5108ADTA-LI, EDD5116ADTA-LI
Data Sheet E0505E10 (Ver. 1.0)
6
Pin Capacitance (TA = +25°C, VDD, VDDQ = 2.5V ± 0.2V)
Parameter
Symbol
Pins
min.
typ.
max.
Unit
Notes
Input capacitance
CI1
CK, /CK
2.0
3.0
pF
1
CI2
All other input pins
2.0
3.0
pF
1
Delta input capacitance
Cdi1
CK, /CK
0.25
pF
1
Cdi2
All other input-only pins
0.5
pF
1
Data input/output capacitance
CI/O
DQ, DM, DQS
4.0
5
pF
1, 2,
Delta input/output capacitance
Cdio
DQ, DM, DQS
0.5
pF
1
Notes: 1. These parameters are measured on conditions:
f = 100MHz, VOUT = VDDQ/2,
∆VOUT = 0.2V,
TA = +25
°C.
2. DOUT circuits are disabled.
AC Characteristics (TA = –40 to +85
°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V)
-6B
-7A
Parameter
Symbol
min.
max.
min.
max.
Unit
Notes
Clock cycle time
(CL = 2)
tCK
7.5
12
7.5
12
ns
10
(CL = 2.5)
tCK
6
12
7.5
12
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min
(tCH, tCL)
min
(tCH, tCL)
tCK
DQ output access time from CK, /CK
tAC
–0.7
0.7
–0.75
0.75
ns
2, 11
DQS output access time from CK, /CK
tDQSCK
–0.6
0.6
–0.75
0.75
ns
2, 11
DQS to DQ skew
tDQSQ
0.45
0.5
ns
3
DQ/DQS output hold time from DQS
tQH
tHP – tQHS —
tHP – tQHS —
ns
Data hold skew factor
tQHS
0.55
0.75
ns
Data-out high-impedance time from CK, /CK tHZ
–0.7
0.7
–0.75
0.75
ns
5, 11
Data-out low-impedance time from CK, /CK
tLZ
–0.7
0.7
–0.75
0.75
ns
6, 11
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
DQ and DM input setup time
tDS
0.45
0.5
ns
8
DQ and DM input hold time
tDH
0.45
0.5
ns
8
DQ and DM input pulse width
tDIPW
1.75
1.75
ns
7
Write preamble setup time
tWPRES
0
0
ns
Write preamble
tWPRE
0.25
0.25
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
9
Write command to first DQS latching
transition
tDQSS
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK setup time
tDSS
0.2
0.2
tCK
DQS falling edge hold time from CK
tDSH
0.2
0.2
tCK
DQS input high pulse width
tDQSH
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
tCK
Address and control input setup time
tIS
0.75
0.9
ns
8
Address and control input hold time
tIH
0.75
0.9
ns
8
Address and control input pulse width
tIPW
2.2
2.2
ns
7


Similar Part No. - EDD5116ADTA-7ALI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5116ADTA-7AL ELPIDA-EDD5116ADTA-7AL Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5116ADTA-7AL-E ELPIDA-EDD5116ADTA-7AL-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
More results

Similar Description - EDD5116ADTA-7ALI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5116AFTA-TI ELPIDA-EDD5116AFTA-TI Datasheet
498Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5116ADTA-5CLI-E ELPIDA-EDD5116ADTA-5CLI-E Datasheet
571Kb / 48P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5108ADTA-TI ELPIDA-EDD5108ADTA-TI Datasheet
583Kb / 49P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5108AGTA-LI ELPIDA-EDD5108AGTA-LI Datasheet
504Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDE5116AJBG-LI ELPIDA-EDE5116AJBG-LI Datasheet
763Kb / 76P
   512M bits DDR2 SDRAM WTR (Wide Temperature Range)
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-TI ELPIDA-EDD2516AKTA-TI Datasheet
502Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD51161DBH-TS ELPIDA-EDD51161DBH-TS Datasheet
731Kb / 58P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com