Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD2516AKTA-5CLI Datasheet(PDF) 6 Page - Elpida Memory

Part # EDD2516AKTA-5CLI
Description  256M bits DDR SDRAM WTR (Wide Temperature Range)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2516AKTA-5CLI Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDD2516AKTA-5CLI Datasheet HTML 2Page - Elpida Memory EDD2516AKTA-5CLI Datasheet HTML 3Page - Elpida Memory EDD2516AKTA-5CLI Datasheet HTML 4Page - Elpida Memory EDD2516AKTA-5CLI Datasheet HTML 5Page - Elpida Memory EDD2516AKTA-5CLI Datasheet HTML 6Page - Elpida Memory EDD2516AKTA-5CLI Datasheet HTML 7Page - Elpida Memory EDD2516AKTA-5CLI Datasheet HTML 8Page - Elpida Memory EDD2516AKTA-5CLI Datasheet HTML 9Page - Elpida Memory EDD2516AKTA-5CLI Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
EDD2516AKTA-5CLI
Preliminary Data Sheet E0488E10 (Ver. 1.0)
6
Pin Capacitance (TA = +25°C, VDD, VDDQ = 2.6V ± 0.1V)
Parameter
Symbol
Pins
min.
typ.
max.
Unit
Notes
Input capacitance
CI1
CK, /CK
2.0
3.0
pF
1
CI2
All other input pins
2.0
3.0
pF
1
Delta input capacitance
Cdi1
CK, /CK
0.25
pF
1
Cdi2
All other input-only pins
0.5
pF
1
Data input/output capacitance
CI/O
DQ, DM, DQS
4.0
5
pF
1, 2
Delta input/output capacitance
Cdio
DQ, DM, DQS
0.5
pF
1
Notes: 1. These parameters are measured on conditions:
f = 100MHz, VOUT = VDDQ/2,
ΔVOUT = 0.2V,
TA = +25
°C.
2. DOUT circuits are disabled.
AC Characteristics (TA = –40 to +85
°C, VDD, VDDQ = 2.6V ± 0.1V, VSS, VSSQ = 0V)
-5C
Parameter
Symbol
min.
max.
Unit
Notes
Clock cycle time
tCK
5
8
ns
10
CK high-level width
tCH
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
tCK
CK half period
tHP
min
(tCH, tCL)
tCK
DQ output access time from CK, /CK
tAC
–0.7
0.7
ns
2, 11
DQS output access time from CK, /CK
tDQSCK
–0.55
0.55
ns
2, 11
DQS to DQ skew
tDQSQ
0.4
ns
3
DQ/DQS output hold time from DQS
tQH
tHP – tQHS
ns
Data hold skew factor
tQHS
0.5
ns
Data-out high-impedance time
from CK, /CK
tHZ
0.7
ns
5, 11
Data-out low-impedance time
from CK, /CK
tLZ
–0.7
0.7
ns
6, 11
Read preamble
tRPRE
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
tCK
DQ and DM input setup time
tDS
0.4
ns
8
DQ and DM input hold time
tDH
0.4
ns
8
DQ and DM input pulse width
tDIPW
1.75
ns
7
Write preamble setup time
tWPRES
0
ns
Write preamble
tWPRE
0.25
tCK
Write postamble
tWPST
0.4
0.6
tCK
9
Write command to first DQS latching transition
tDQSS
0.72
1.28
tCK
DQS falling edge to CK setup time
tDSS
0.2
tCK
DQS falling edge hold time from CK
tDSH
0.2
tCK
DQS input high pulse width
tDQSH
0.35
tCK
DQS input low pulse width
tDQSL
0.35
tCK
Address and control input setup time
tIS
0.6
ns
8
Address and control input hold time
tIH
0.6
ns
8
Address and control input pulse width
tIPW
2.2
ns
7
Mode register set command cycle time
tMRD
2
tCK
Active to Precharge command period
tRAS
40
120000
ns


Similar Part No. - EDD2516AKTA-5CLI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516AKTA-5C ELPIDA-EDD2516AKTA-5C Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516AKTA-5C-E ELPIDA-EDD2516AKTA-5C-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
More results

Similar Description - EDD2516AKTA-5CLI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516AKTA-TI ELPIDA-EDD2516AKTA-TI Datasheet
502Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-75TT ELPIDA-EDS2532EEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516APTA-TI-E ELPIDA-EDS2516APTA-TI-E Datasheet
720Kb / 52P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2504APTA ELPIDA-EDS2504APTA Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532JEBH-75TT ELPIDA-EDS2532JEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EGBH-TT ELPIDA-EDS2532EGBH-TT Datasheet
744Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDD5116AFTA-TI ELPIDA-EDD5116AFTA-TI Datasheet
498Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com