Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS1232ABCN-A Datasheet(PDF) 5 Page - Elpida Memory

Part # ECS1232ABCN-A
Description  128M bits SDRAM Bare Chip
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

ECS1232ABCN-A Datasheet(HTML) 5 Page - Elpida Memory

  ECS1232ABCN-A Datasheet HTML 1Page - Elpida Memory ECS1232ABCN-A Datasheet HTML 2Page - Elpida Memory ECS1232ABCN-A Datasheet HTML 3Page - Elpida Memory ECS1232ABCN-A Datasheet HTML 4Page - Elpida Memory ECS1232ABCN-A Datasheet HTML 5Page - Elpida Memory ECS1232ABCN-A Datasheet HTML 6Page - Elpida Memory ECS1232ABCN-A Datasheet HTML 7Page - Elpida Memory ECS1232ABCN-A Datasheet HTML 8Page - Elpida Memory ECS1232ABCN-A Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
ECS1232ABCN-A
Data Sheet E0486E30 (Ver. 3.0)
5
DC Characteristics 1 (TA = 0 to +70
°C, VDD, VDDQ = 3.0V to 3.6V, VSS, VSSQ = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
IDD1
105
mA
Burst length = 1
tRC = tRC (min.)
1, 2, 3
Standby current in power down
IDD2P
3
mA
CKE = VIL,
tCK = tCK (min.)
6
Standby current in power down
(input signal stable)
IDD2PS
2
mA
CKE = VIL, tCK =
7
Standby current in non power
down
IDD2N
20
mA
CKE, /CS = VIH,
tCK = tCK (min.)
4
Standby current in non power
down (input signal stable)
IDD2NS
9
mA
CKE = VIH, tCK =
∞,
/CS = VIH
8
Active standby current in power
down
IDD3P
4
mA
CKE = VIL,
tCK = tCK (min.)
1, 2, 6
Active standby current in power
down (input signal stable)
IDD3PS
3
mA
CKE = VIL, tCK =
2, 7
Active standby current in non
power down
IDD3N
45
mA
CKE, /CS = VIH,
tCK = tCK (min.)
1, 2, 4
Active standby current in non
power down (input signal stable)
IDD3NS
30
mA
CKE = VIH, tCK =
∞,
/CS = VIH
2, 8
Burst operating current
IDD4
155
mA
tCK = tCK (min.),
BL = 4
1, 2, 5
Refresh current
IDD5
210
mA
tRC = tRC (min.)
3
Self refresh current
IDD6
2
mA
VIH ≥ VDD – 0.2V
VIL ≤ 0.2V
Notes: 1. IDD depends on output load condition when the device is selected. IDD (max.) is specified at the output
open condition.
2. One bank operation.
3. Input signals are changed once per one clock.
4. Input signals are changed once per two clocks.
5. Input signals are changed once per four clocks.
6. After power down mode, CLK operating current.
7. After power down mode, no CLK operating current.
8. Input signals are VIH or VIL fixed.


Similar Part No. - ECS1232ABCN-A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
ECS1232ECCN-A ELPIDA-ECS1232ECCN-A Datasheet
714Kb / 48P
   128M bits SDRAM Bare Chip
ECS1232JCCN-A ELPIDA-ECS1232JCCN-A Datasheet
714Kb / 48P
   128M bits SDRAM Bare Chip
More results

Similar Description - ECS1232ABCN-A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
ECS1216AACN-A ELPIDA-ECS1216AACN-A Datasheet
706Kb / 47P
   128M bits SDRAM Bare Chip
ECS1232ECCN-A ELPIDA-ECS1232ECCN-A Datasheet
714Kb / 48P
   128M bits SDRAM Bare Chip
ECS1232JCCN-A ELPIDA-ECS1232JCCN-A Datasheet
714Kb / 48P
   128M bits SDRAM Bare Chip
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
   128M bits SDRAM
EDS1232ECBH-75 ELPIDA-EDS1232ECBH-75 Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JCBH-6B ELPIDA-EDS1232JCBH-6B Datasheet
738Kb / 50P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com