Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE25RC8AAFA-4C-E Datasheet(PDF) 2 Page - Elpida Memory

Part # EBE25RC8AAFA-4C-E
Description  256MB Registered DDR2 SDRAM DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE25RC8AAFA-4C-E Datasheet(HTML) 2 Page - Elpida Memory

  EBE25RC8AAFA-4C-E Datasheet HTML 1Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 2Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 3Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 4Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 5Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 6Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 7Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 8Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
EBE25RC8AAFA
Preliminary Data Sheet E0470E11 (Ver. 1.1)
2
Ordering Information
Part number
Data rate
Mbps (max.)
Component
JEDEC speed bin*
1
(CL-tRCD-tRP)
Package
Contact
pad
Mounted devices
EBE25RC8AAFA-5C-E
533
DDR2-533 (4-4-4)
EDE2508AASE-5C
EBE25RC8AAFA-4A-E
400
DDR2-400 (3-3-3)
EDE2508AASE-5C, -4A
EBE25RC8AAFA-4C-E
400
DDR2-400 (4-4-4)
240-pin DIMM
(lead-free)
Gold
EDE2508AASE-5C, -4A, -4C
Note: 1. Module /CAS latency = component CL + 1
Pin Configurations
1 pin
Front side
Back side
64 pin 65 pin
120 pin
121 pin
184 pin 185 pin
240 pin
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VREF
61
A4
121
VSS
181
VDD
2
VSS
62
VDD
122
DQ4
182
A3
3
DQ0
63
A2
123
DQ5
183
A1
4
DQ1
64
VDD
124
VSS
184
VDD
5
VSS
65
VSS
125
DM0/DQS9
185
CK0
6
/DQS0
66
VSS
126
NU/ /DQS9
186
/CK0
7
DQS0
67
VDD
127
VSS
187
VDD
8
VSS
68
NC
128
DQ6
188
A0
9
DQ2
69
VDD
129
DQ7
189
VDD
10
DQ3
70
A10
130
VSS
190
BA1
11
VSS
71
BA0
131
DQ12
191
VDD
12
DQ8
72
VDD
132
DQ13
192
/RAS
13
DQ9
73
/WE
133
VSS
193
/CS0
14
VSS
74
/CAS
134
DM1/DQS10
194
VDD
15
/DQS1
75
VDD
135
NU/ /DQS10
195
ODT0
16
DQS1
76
NC
136
VSS
196
NC
17
VSS
77
NC
137
NC
197
VDD
18
/RESET
78
VDD
138
NC
198
VSS
19
NC
79
VSS
139
VSS
199
DQ36
20
VSS
80
DQ32
140
DQ14
200
DQ37
21
DQ10
81
DQ33
141
DQ15
201
VSS
22
DQ11
82
VSS
142
VSS
202
DM4/DQS13
23
VSS
83
/DQS4
143
DQ20
203
NU/ /DQS13
24
DQ16
84
DQS4
144
DQ21
204
VSS
25
DQ17
85
VSS
145
VSS
205
DQ38
26
VSS
86
DQ34
146
DM2/DQS11
206
DQ39
27
/DQS2
87
DQ35
147
NU/ /DQS11
207
VSS


Similar Part No. - EBE25RC8AAFA-4C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE25EC8AAFA ELPIDA-EBE25EC8AAFA Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25EC8AAFA-4A-E ELPIDA-EBE25EC8AAFA-4A-E Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25EC8AAFA-4C-E ELPIDA-EBE25EC8AAFA-4C-E Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25EC8AAFA-5C-E ELPIDA-EBE25EC8AAFA-5C-E Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
More results

Similar Description - EBE25RC8AAFA-4C-E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
logo
Elpida Memory
EBE25UD6ABFA ELPIDA-EBE25UD6ABFA Datasheet
224Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UD6ABSA ELPIDA-EBE25UD6ABSA Datasheet
245Kb / 21P
   256MB DDR2 SDRAM SO-DIMM
EBE26UC6AASA ELPIDA-EBE26UC6AASA Datasheet
257Kb / 21P
   256MB DDR2 SDRAM SO-DIMM
EBE25EC8AAFA ELPIDA-EBE25EC8AAFA Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBD25RB4ALFB ELPIDA-EBD25RB4ALFB Datasheet
164Kb / 17P
   256MB Registered DDR SDRAM DIMM
EBD25RB4ALFA ELPIDA-EBD25RB4ALFA Datasheet
136Kb / 17P
   256MB Registered DDR SDRAM DIMM
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com