Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM5Z36H Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # MM5Z36H
Description  Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MM5Z36H Datasheet(HTML) 1 Page - Zowie Technology Corporation

  MM5Z36H Datasheet HTML 1Page - Zowie Technology Corporation MM5Z36H Datasheet HTML 2Page - Zowie Technology Corporation MM5Z36H Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MM5Z2V0H~MM5Z75H
Features
• Standard Zener Breakdown Voltage Range
2.0 V to 75 V
• Steady State Power Rating of 200 mW
Absolute Maximum Ratings (Tj = 25 OC)
Parameter
Symbol
Value
Unit
Total Device Dissipaton FR-5 Board at TA = 25 OC
Ptot
200
mW
Junction and Storage Temperature Range
Tj , Tstg
- 65 to + 150
O
C
Characteristics at Tamb = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 10 mA
VF
0.9
V
Anode
2
Top View
Simplified outline SOD-523 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
Zowie Technology Corporation
Lead free product
Halogen - free type
Zener Voltage Regulators
Zowie Technology Corporation
REV. 0


Similar Part No. - MM5Z36H

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM5Z36 SEMTECH_ELEC-MM5Z36 Datasheet
266Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM5Z36 HTSEMI-MM5Z36 Datasheet
639Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM5Z36 DGNJDZ-MM5Z36 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
MM5Z36 DGNJDZ-MM5Z36 Datasheet
115Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Sangdest Microelectroni...
MM5Z36 SMC-MM5Z36 Datasheet
103Kb / 4P
   ZENER DIODES
More results

Similar Description - MM5Z36H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com