Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE25UC8AAFA-5C-E Datasheet(PDF) 9 Page - Elpida Memory

Part # EBE25UC8AAFA-5C-E
Description  256MB Unbuffered DDR2 SDRAM DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE25UC8AAFA-5C-E Datasheet(HTML) 9 Page - Elpida Memory

Back Button EBE25UC8AAFA-5C-E Datasheet HTML 5Page - Elpida Memory EBE25UC8AAFA-5C-E Datasheet HTML 6Page - Elpida Memory EBE25UC8AAFA-5C-E Datasheet HTML 7Page - Elpida Memory EBE25UC8AAFA-5C-E Datasheet HTML 8Page - Elpida Memory EBE25UC8AAFA-5C-E Datasheet HTML 9Page - Elpida Memory EBE25UC8AAFA-5C-E Datasheet HTML 10Page - Elpida Memory EBE25UC8AAFA-5C-E Datasheet HTML 11Page - Elpida Memory EBE25UC8AAFA-5C-E Datasheet HTML 12Page - Elpida Memory EBE25UC8AAFA-5C-E Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
EBE25UC8AAFA
Preliminary Data Sheet E0465E10 (Ver. 1.0)
9
Logical Clock Net Structure
R = 200
R = 200
R = 200
DRAM
3DRAM loads (CK1 and /CK1, CK2 and /CK2)
DIMM
connector
C1
C1
DRAM
C1
DRAM
R = 200
R = 200
R = 200
DRAM
2DRAM loads (CK0 and /CK0)
DIMM
connector
C1
C1
C2
DRAM
* C1: 1pF
C2: 2pF


Similar Part No. - EBE25UC8AAFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE25UC8AAFV ELPIDA-EBE25UC8AAFV Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE25UC8AAFV-AE-E ELPIDA-EBE25UC8AAFV-AE-E Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE25UC8AAFV-BE-E ELPIDA-EBE25UC8AAFV-BE-E Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE25UC8AAFV-DF-E ELPIDA-EBE25UC8AAFV-DF-E Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM HYPER DIMM?
More results

Similar Description - EBE25UC8AAFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE25UD6ABFA ELPIDA-EBE25UD6ABFA Datasheet
224Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25EC8AAFA ELPIDA-EBE25EC8AAFA Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFV ELPIDA-EBE25UC8AAFV Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM HYPER DIMM?
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
EBS25UC8APFA ELPIDA-EBS25UC8APFA Datasheet
158Kb / 14P
   256MB Unbuffered SDRAM DIMM
HB52E328EM-A6B ELPIDA-HB52E328EM-A6B Datasheet
150Kb / 19P
   256MB Unbuffered SDRAM DIMM
EBS25EC8APFA ELPIDA-EBS25EC8APFA Datasheet
160Kb / 14P
   256MB Unbuffered SDRAM DIMM
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3HG64M32EEU-D4 WEDC-WV3HG64M32EEU-D4 Datasheet
161Kb / 11P
   256MB - 64Mx32 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com