Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD5108ADTA-TI Datasheet(PDF) 5 Page - Elpida Memory

Part # EDD5108ADTA-TI
Description  512M bits DDR SDRAM WTR (Wide Temperature Range)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD5108ADTA-TI Datasheet(HTML) 5 Page - Elpida Memory

  EDD5108ADTA-TI Datasheet HTML 1Page - Elpida Memory EDD5108ADTA-TI Datasheet HTML 2Page - Elpida Memory EDD5108ADTA-TI Datasheet HTML 3Page - Elpida Memory EDD5108ADTA-TI Datasheet HTML 4Page - Elpida Memory EDD5108ADTA-TI Datasheet HTML 5Page - Elpida Memory EDD5108ADTA-TI Datasheet HTML 6Page - Elpida Memory EDD5108ADTA-TI Datasheet HTML 7Page - Elpida Memory EDD5108ADTA-TI Datasheet HTML 8Page - Elpida Memory EDD5108ADTA-TI Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
EDD5108ADTA-TI, EDD5116ADTA-TI
Preliminary Data Sheet E0438E10 (Ver. 1.0)
5
DC Characteristics 1 (TA = –40 to +85
°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V)
max.
Parameter
Symbol
Grade
× 8
× 16
Unit
Test condition
Notes
Operating current
(ACT-PRE)
IDD0
-6B
-7A, -7B
150
135
150
135
mA
CKE ≥ VIH,
tRC = tRC (min.)
1, 2, 9
Operating current
(ACT-READ-PRE)
IDD1
-6B
-7A, -7B
200
175
210
180
mA
CKE ≥ VIH, BL = 4,
CL = 2.5,
tRC = tRC (min.)
1, 2, 5
Idle power down standby
current
IDD2P
3
3
mA
CKE ≤ VIL
4
Floating idle standby current
IDD2F
-6B
-7A, -7B
30
25
30
25
mA
CKE ≥ VIH, /CS ≥ VIH,
DQ, DQS, DM = VREF
4, 5
Quiet idle standby current
IDD2Q
20
20
mA
CKE ≥ VIH, /CS ≥ VIH,
DQ, DQS, DM = VREF
4, 10
Active power down standby
current
IDD3P
20
20
mA
CKE ≤ VIL
3
Active standby current
IDD3N
-6B
-7A, -7B
65
55
65
55
mA
CKE ≥ VIH, /CS ≥ VIH
tRAS = tRAS (max.)
3, 5, 6
Operating current
(Burst read operation)
IDD4R
-6B
-7A, -7B
250
210
270
230
mA
CKE ≥ VIH, BL = 2,
CL = 2.5
1, 2, 5,
6
Operating current
(Burst write operation)
IDD4W
-6B
-7A, -7B
250
210
270
230
mA
CKE ≥ VIH, BL = 2,
CL = 2.5
1, 2, 5,
6
Auto Refresh current
IDD5
-6B
-7A, -7B
320
300
320
300
mA
tRFC = tRFC (min.),
Input ≤ VIL or ≥ VIH
Self refresh current
IDD6
4
4
mA
Input ≥ VDD – 0.2 V
Input ≤ 0.2 V
Operating current
(4 banks interleaving)
IDD7A
-6B
-7A, -7B
510
430
530
450
mA
BL = 4
5, 6, 7
Notes: 1. These IDD data are measured under condition that DQ pins are not connected.
2. One bank operation.
3. One bank active.
4. All banks idle.
5. Command/Address transition once per one clock cycle.
6. DQ, DM and DQS transition twice per one clock cycle.
7. 4 banks active. Only one bank is running at tRC = tRC (min.)
8. The IDD data on this table are measured with regard to tCK = tCK (min.) in general.
9. Command/Address transition once every two clock cycles.
10. Command/Address stable at ≥ VIH or ≤ VIL.
DC Characteristics 2 (TA = –40 to +85
°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–2
2
µA
VDD ≥ VIN ≥ VSS
Output leakage current
ILO
–5
5
µA
VDDQ ≥ VOUT ≥ VSS
Output high current
IOH
–15.2
mA
VOUT = 1.95V
Output low current
IOL
15.2
mA
VOUT = 0.35V


Similar Part No. - EDD5108ADTA-TI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108ADTA-6B ELPIDA-EDD5108ADTA-6B Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108ADTA-6B-E ELPIDA-EDD5108ADTA-6B-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108ADTA-6BL ELPIDA-EDD5108ADTA-6BL Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108ADTA-6BL-E ELPIDA-EDD5108ADTA-6BL-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
More results

Similar Description - EDD5108ADTA-TI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5116AFTA-TI ELPIDA-EDD5116AFTA-TI Datasheet
498Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5116ADTA-5CLI-E ELPIDA-EDD5116ADTA-5CLI-E Datasheet
571Kb / 48P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5108ADTA-LI ELPIDA-EDD5108ADTA-LI Datasheet
582Kb / 49P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5108AGTA-LI ELPIDA-EDD5108AGTA-LI Datasheet
504Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDE5116AJBG-LI ELPIDA-EDE5116AJBG-LI Datasheet
763Kb / 76P
   512M bits DDR2 SDRAM WTR (Wide Temperature Range)
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-TI ELPIDA-EDD2516AKTA-TI Datasheet
502Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD51161DBH-TS ELPIDA-EDD51161DBH-TS Datasheet
731Kb / 58P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com