Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD2516AKTA-5C Datasheet(PDF) 9 Page - Elpida Memory

Part # EDD2516AKTA-5C
Description  256M bits DDR SDRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2516AKTA-5C Datasheet(HTML) 9 Page - Elpida Memory

Back Button EDD2516AKTA-5C Datasheet HTML 5Page - Elpida Memory EDD2516AKTA-5C Datasheet HTML 6Page - Elpida Memory EDD2516AKTA-5C Datasheet HTML 7Page - Elpida Memory EDD2516AKTA-5C Datasheet HTML 8Page - Elpida Memory EDD2516AKTA-5C Datasheet HTML 9Page - Elpida Memory EDD2516AKTA-5C Datasheet HTML 10Page - Elpida Memory EDD2516AKTA-5C Datasheet HTML 11Page - Elpida Memory EDD2516AKTA-5C Datasheet HTML 12Page - Elpida Memory EDD2516AKTA-5C Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
EDD2516AKTA-5
Preliminary Data Sheet E0637E10 (Ver. 1.0)
9
Timing Parameter Measured in Clock Cycle
Number of clock cycle
tCK
5ns
Parameter
Symbol
min.
max.
Unit
Write to pre-charge command delay (same bank)
tWPD
4 + BL/2
tCK
Read to pre-charge command delay (same bank)
tRPD
BL/2
tCK
Write to read command delay (to input all data)
tWRD
2 + BL/2
tCK
Burst stop command to write command delay
tBSTW
3
tCK
Burst stop command to DQ High-Z
tBSTZ
3
3
tCK
Read command to write command delay
(to output all data)
tRWD
3 + BL/2
tCK
Pre-charge command to High-Z
tHZP
3
3
tCK
Write command to data in latency
tWCD
1
1
tCK
Write recovery
tWR
3
tCK
DM to data in latency
tDMD
0
0
tCK
Mode register set command cycle time
tMRD
2
tCK
Self refresh exit to non-read command
tSNR
15
tCK
Self refresh exit to read command
tSRD
200
tCK
Power down entry
tPDEN
1
1
tCK
Power down exit to command input
tPDEX
1
tCK


Similar Part No. - EDD2516AKTA-5C

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516AKTA-5C-E ELPIDA-EDD2516AKTA-5C-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDD2516AKTA-5C

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDD2516AKTA ELPIDA-EDD2516AKTA Datasheet
509Kb / 49P
   256M bits DDR SDRAM
EDD2508ARTA-5B ELPIDA-EDD2508ARTA-5B Datasheet
380Kb / 33P
   256M bits DDR SDRAM
EDD2508AMTA-5 ELPIDA-EDD2508AMTA-5 Datasheet
380Kb / 34P
   256M bits DDR SDRAM
EDD2508AMTA-5B-E ELPIDA-EDD2508AMTA-5B-E Datasheet
377Kb / 33P
   256M bits DDR SDRAM
EDD2516ARTA-6B ELPIDA-EDD2516ARTA-6B Datasheet
388Kb / 33P
   256M bits DDR SDRAM
EDD2508AKTA ELPIDA-EDD2508AKTA Datasheet
494Kb / 50P
   256M bits DDR SDRAM
EDD2516AMTA-6B-E ELPIDA-EDD2516AMTA-6B-E Datasheet
378Kb / 33P
   256M bits DDR SDRAM
EDD2504AJTA ELPIDA-EDD2504AJTA Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2508AMTA ELPIDA-EDD2508AMTA Datasheet
382Kb / 34P
   256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com