Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS2508ADTA Datasheet(PDF) 2 Page - Elpida Memory

Part # EDS2508ADTA
Description  256M bits SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2508ADTA Datasheet(HTML) 2 Page - Elpida Memory

  EDS2508ADTA Datasheet HTML 1Page - Elpida Memory EDS2508ADTA Datasheet HTML 2Page - Elpida Memory EDS2508ADTA Datasheet HTML 3Page - Elpida Memory EDS2508ADTA Datasheet HTML 4Page - Elpida Memory EDS2508ADTA Datasheet HTML 5Page - Elpida Memory EDS2508ADTA Datasheet HTML 6Page - Elpida Memory EDS2508ADTA Datasheet HTML 7Page - Elpida Memory EDS2508ADTA Datasheet HTML 8Page - Elpida Memory EDS2508ADTA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
EDS2508ADTA
Prelimimary Data Sheet E0633E10 (Ver. 1.0)
2
Ordering Information
Part number
Supply
voltage
Organization
(words
× bits) Internal Banks
Clock frequency
MHz (max.)
/CAS latency
Package
EDS2508ADTA-75-E*
3.3V
32M
× 8
4
133
3
54-pin plastic
TSOP (II)
Note: 100MHz operation at /CAS latency = 2.
Part Number
Environment Code
E: Lead Free
Elpida Memory
Density / Bank
25: 256M/4-bank
Organization
08: x8
Power Supply, Interface
A: 3.3V, LVTTL
Die Rev.
Package
TA: TSOP (II)
Speed
75: 133MHz/CL3
100MHz/CL2
Product Family
S: SDRAM
Type
D: Monolithic Device
E D S 25 08 A D TA - 75 - E


Similar Part No. - EDS2508ADTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2508ACTA ELPIDA-EDS2508ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2508ACTA-75 ELPIDA-EDS2508ACTA-75 Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2508ACTA-7A ELPIDA-EDS2508ACTA-7A Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2508AFTA ELPIDA-EDS2508AFTA Datasheet
737Kb / 50P
   256M bits SDRAM
EDS2508AFTA-75-E ELPIDA-EDS2508AFTA-75-E Datasheet
737Kb / 50P
   256M bits SDRAM
More results

Similar Description - EDS2508ADTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDS2504ACTA ELPIDA-EDS2504ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
EDS2532AABH-1AR2 ELPIDA-EDS2532AABH-1AR2 Datasheet
613Kb / 48P
   256M bits SDRAM
EDS2532JEBH-6B ELPIDA-EDS2532JEBH-6B Datasheet
641Kb / 50P
   256M bits SDRAM
EDS2732CABJ ELPIDA-EDS2732CABJ Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2532EESL-75 ELPIDA-EDS2532EESL-75 Datasheet
753Kb / 50P
   256M bits SDRAM
EDS2516APTA ELPIDA-EDS2516APTA Datasheet
656Kb / 53P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com