Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSM000100006-O12 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # FSM000100006-O12
Description  LED EVACUATION SIGNS SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

FSM000100006-O12 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  FSM000100006-O12 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
LED EVACUATION SIGNS SERIES
LinkCom Manufacturing Co., Ltd.
Ver. A
03.1
www.linkcom.com.tw
For more information, please contact with :sales@linkcom.com.tw
Input: 187~240Vac
High Operating ambient Temp: -10℃~+45℃
MTBF: 18000 hrs/25℃
Safety: GB17945-2000
Dimension (mm): L*W*H: 360*145*23
FEATURES
Electrical Specifications @25°C
Part No.
FSM000100006-O12
Voltage range
187~240Vac
Input
Frequency range
50Hz
Power
3.5W MAX
Charge time
≤24H
Emergency time
≥90min
Standby electricity
Ni-Cd batteries
LAMP
LED
Safety
GB17945-2000
Material
Metal Cabinet
Using surrounding
-10℃-45℃
Mounting
Wall-mount/ceiling-mount
DIMENSIONS [mm]
360
23
400REF
247
116


Similar Part No. - FSM000100006-O12

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
FSM000100006-O22 LINKCOM-FSM000100006-O22 Datasheet
123Kb / 1P
   LED EVACUATION SIGNS SERIES
More results

Similar Description - FSM000100006-O12

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
FSM000100005-E1 LINKCOM-FSM000100005-E1 Datasheet
127Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100005-P4 LINKCOM-FSM000100005-P4 Datasheet
123Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100006-A22 LINKCOM-FSM000100006-A22 Datasheet
124Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100006-O22 LINKCOM-FSM000100006-O22 Datasheet
123Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100005-A1 LINKCOM-FSM000100005-A1 Datasheet
130Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100005-A2 LINKCOM-FSM000100005-A2 Datasheet
126Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100006-A12 LINKCOM-FSM000100006-A12 Datasheet
127Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100006-P42 LINKCOM-FSM000100006-P42 Datasheet
123Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100005-P3 LINKCOM-FSM000100005-P3 Datasheet
126Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100006-P22 LINKCOM-FSM000100006-P22 Datasheet
124Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100007-B2 LINKCOM-FSM000100007-B2 Datasheet
185Kb / 1P
   LED EVACUATION SIGNS SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com