Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE2516AASE-AE Datasheet(PDF) 2 Page - Elpida Memory

Part # EDE2516AASE-AE
Description  256M bits DDR2 SDRAM for HYPER DIMM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE2516AASE-AE Datasheet(HTML) 2 Page - Elpida Memory

  EDE2516AASE-AE Datasheet HTML 1Page - Elpida Memory EDE2516AASE-AE Datasheet HTML 2Page - Elpida Memory EDE2516AASE-AE Datasheet HTML 3Page - Elpida Memory EDE2516AASE-AE Datasheet HTML 4Page - Elpida Memory EDE2516AASE-AE Datasheet HTML 5Page - Elpida Memory EDE2516AASE-AE Datasheet HTML 6Page - Elpida Memory EDE2516AASE-AE Datasheet HTML 7Page - Elpida Memory EDE2516AASE-AE Datasheet HTML 8Page - Elpida Memory EDE2516AASE-AE Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
EDE2508AASE/16AASE-DF, -BE, -AE
Preliminary Data Sheet E0515E12 (Ver. 1.2)
2
Ordering Information
Part number
Mask
version
Organization
(words
× bits)
Internal
Banks
Speed bin
(CL-tRCD-tRP)
Package
EDE2508AASE-DF-E
EDE2508AASE-BE-E
EDE2508AASE-AE-E
A
32M
× 8
4
DDR2-700 (5-6-6)
DDR2-667 (5-5-5)
DDR2-600 (5-5-5)
64-ball FBGA
EDE2516AASE-DF-E
EDE2516AASE-BE-E
EDE2516AASE-AE-E
16M
× 16
DDR2-700 (5-6-6)
DDR2-667 (5-5-5)
DDR2-600 (5-5-5)
84-ball FBGA
Part Number
Elpida Memory
Density / Bank
25: 256Mb /4-bank
Bit Organization
08: x8
16: x16
Voltage, Interface
A: 1.8V, SSTL_18
Die Rev.
Package
SE: FBGA (with back cover)
Speed
DF: DDR2-700 (5-6-6)
BE: DDR2-667 (5-5-5)
AE: DDR2-600 (5-5-5)
Product Code
E: DDR2
Type
D: Monolithic Device
E D E 25 08 A A SE - DF - E
Environment code
E: Lead Free


Similar Part No. - EDE2516AASE-AE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2516AASE-4A-E ELPIDA-EDE2516AASE-4A-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2516AASE-4C-E ELPIDA-EDE2516AASE-4C-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2516AASE-5C-E ELPIDA-EDE2516AASE-5C-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2516AASE-6E-E ELPIDA-EDE2516AASE-6E-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
More results

Similar Description - EDE2516AASE-AE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2508ABSE-GE ELPIDA-EDE2508ABSE-GE Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE5108ABSE-BE ELPIDA-EDE5108ABSE-BE Datasheet
700Kb / 65P
   512M bits DDR2 SDRAM for HYPER DIMM
EDE2508AEBG ELPIDA-EDE2508AEBG Datasheet
625Kb / 77P
   256M bits DDR2 SDRAM
EDE2504AASE ELPIDA-EDE2504AASE Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ABSE ELPIDA-EDE2508ABSE Datasheet
708Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ACSE ELPIDA-EDE2508ACSE Datasheet
881Kb / 81P
   256M bits DDR2 SDRAM
EBE11UD8ABFV ELPIDA-EBE11UD8ABFV Datasheet
203Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM HYPER DIMM?
EBE25UC8AAFV ELPIDA-EBE25UC8AAFV Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE52UC8AAFV ELPIDA-EBE52UC8AAFV Datasheet
205Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE51UD8ABFV ELPIDA-EBE51UD8ABFV Datasheet
236Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com