Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

37D-4-110-SLDT Datasheet(PDF) 1 Page - OEN India Limited

Part # 37D-4-110-SLDT
Description  ICE CUBE STYLE INDUSTRIAL RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OENINDIA [OEN India Limited]
Direct Link  http://www.oenindia.com
Logo OENINDIA - OEN India Limited

37D-4-110-SLDT Datasheet(HTML) 1 Page - OEN India Limited

  37D-4-110-SLDT Datasheet HTML 1Page - OEN India Limited 37D-4-110-SLDT Datasheet HTML 2Page - OEN India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
O/E/N 37-T
ICE CUBE STYLE INDUSTRIAL RELAY
Mechanical Flag Indication
Lockable Test Button
LED & Free Wheeling Diode across coil
Compact High Performance
Din Rail Mounting Sockets available
Contact Arrangement
: 2 Form C, 4 Form C
Contact Material
: Silver Alloy
Rated Voltage
: 230 VAC/24 VDC
Contact Rating
2 Form C : 10A@230VAC/24VDC
4 Form C : 5A@230VAC/24VDC
Max. Switching Voltage
: 230 VAC / 24 VDC
Contact Resistance Initial
: 50m Ohms
Nominal Coil Power
: 0.9 W (approx)
Life Expectancy
Mechanical
: 10
7 operations
12
9.6
160
Electrical
: 10
5 operations
24
19.2
650
Dielectric Strength
* 220
176
42000
Between coil and contacts
: 1800VAC
Between Open contacts
: 1000VAC
110
90
3750
Insulation Resistance at
: 100Meg.Ohms
240
190
18790
@ 500 VDC,25
0C, RH 50
* Special coils available on req.
Operate time at nom. Volt
: 20 milli sec
Release time at nom. Volt
: 20 milli sec
Ambient Temperature
: -40
oC to + 85o C
Weight
: 35 g
2 Form C
37-9900-200
4 Form C
37-9700-100
HOW TO ORDER
O/E/N India Ltd
P.B. No. 1952, Vyttila, Cochin - 682 019. Kerala, India. Ph: 0091(0)484 2301132, 2303709 Fax:
0091(0)484-2302287, 2302211.www.oenindia.com. E-Mail: sales@oenindia.com
Typical Applications
SPECIFICATIONS
COIL DATA
WIRING LAYOUT
DC Coils
4 Form C
2 Form C
All dimensions are in mm. Specifications subject to change
without notice.
DIMENSIONS
Industrial Controls, Office Automation, PLCs, Timers
SOCKET ORDERING CODE
AC Coils


Similar Part No. - 37D-4-110-SLDT

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
37D-4-110-SL OENINDIA-37D-4-110-SL Datasheet
93Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
More results

Similar Description - 37D-4-110-SLDT

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
37A-4-12-SL OENINDIA-37A-4-12-SL Datasheet
93Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
38A-2-12-SL OENINDIA-38A-2-12-SL Datasheet
91Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
logo
Schneider Electric
781XAXRM4L-24D SCHNEIDER-781XAXRM4L-24D Datasheet
167Kb / 3P
   ICE CUBE RELAYS
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_17 Datasheet
92Kb / 3P
   NTC Thermistors, Ice Cube Sensors
Revision: 24-Mar-17
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_V01 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
01-Jan-2022
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406 Datasheet
89Kb / 3P
   NTC Thermistors, Ice Cube Sensors
Revision: 09-May-11
logo
List of Unclassifed Man...
782XBXM4L-12D ETC2-782XBXM4L-12D Datasheet
303Kb / 5P
   700 SERIES ICE CUBE POWER RELAYS
logo
Littelfuse
05903 LITTELFUSE-05903 Datasheet
158Kb / 3P
   24V 100A HIGH-CURRENT CUBE-STYLE DC COIL RELAY
2022 Littelfuse, Inc.
logo
Texas Instruments
TMDXICE3359 TI1-TMDXICE3359 Datasheet
158Kb / 3P
[Old version datasheet]   AM3359 Industrial Communications Engine (ICE) Status: ACTIVE
logo
List of Unclassifed Man...
833H-1C-C-12VDC ETC2-833H-1C-C-12VDC Datasheet
87Kb / 3P
   Miniature PCB baby sugar cube relay General purpose application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com