Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD52UC8AMFA-5 Datasheet(PDF) 5 Page - Elpida Memory

Part # EBD52UC8AMFA-5
Description  512MB Unbuffered DDR SDRAM DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD52UC8AMFA-5 Datasheet(HTML) 5 Page - Elpida Memory

  EBD52UC8AMFA-5 Datasheet HTML 1Page - Elpida Memory EBD52UC8AMFA-5 Datasheet HTML 2Page - Elpida Memory EBD52UC8AMFA-5 Datasheet HTML 3Page - Elpida Memory EBD52UC8AMFA-5 Datasheet HTML 4Page - Elpida Memory EBD52UC8AMFA-5 Datasheet HTML 5Page - Elpida Memory EBD52UC8AMFA-5 Datasheet HTML 6Page - Elpida Memory EBD52UC8AMFA-5 Datasheet HTML 7Page - Elpida Memory EBD52UC8AMFA-5 Datasheet HTML 8Page - Elpida Memory EBD52UC8AMFA-5 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
EBD52UC8AMFA-5
Preliminary Data Sheet E0455E10 (Ver. 1.0)
5
Serial PD Matrix
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
0
Number of bytes utilized by module
manufacturer
1
0
0
0
0
0
0
0
80H
128 bytes
1
Total number of bytes in serial PD
device
0
0
0
0
1
0
0
0
08H
256 bytes
2
Memory type
0
0
0
0
0
1
1
1
07H
DDR SDRAM
3
Number of row address
0
0
0
0
1
1
0
1
0DH
13
4
Number of column address
0
0
0
0
1
0
1
0
0AH
10
5
Number of DIMM ranks
0
0
0
0
0
0
1
0
02H
2
6
Module data width
0
1
0
0
0
0
0
0
40H
64
7
Module data width continuation
0
0
0
0
0
0
0
0
00H
0
8
Voltage interface level of this assembly 0
0
0
0
0
1
0
0
04H
SSTL2
9
DDR SDRAM cycle time, CL = 3
0
1
0
1
0
0
0
0
50H
5.0ns
*1
10
SDRAM access from clock (tAC)
0
1
1
1
0
0
0
0
70H
0.7ns
*1
11
DIMM configuration type
0
0
0
0
0
0
0
0
00H
None.
12
Refresh rate/type
1
0
0
0
0
0
1
0
82H
7.8
µs
13
Primary SDRAM width
0
0
0
0
1
0
0
0
08H
× 8
14
Error checking SDRAM width
0
0
0
0
0
0
0
0
00H
None.
15
SDRAM device attributes:
Minimum clock delay back-to-back
column access
0
0
0
0
0
0
0
1
01H
1 CLK
16
SDRAM device attributes:
Burst length supported
0
0
0
0
1
1
1
0
0EH
2, 4, 8
17
SDRAM device attributes: Number of
banks on SDRAM device
0
0
0
0
0
1
0
0
04H
4
18
SDRAM device attributes:
/CAS latency
0
0
0
1
1
1
0
0
1CH
2, 2.5, 3
19
SDRAM device attributes:
/CS latency
0
0
0
0
0
0
0
1
01H
0
20
SDRAM device attributes:
/WE latency
0
0
0
0
0
0
1
0
02H
1
21
SDRAM module attributes
0
0
1
0
0
0
0
0
20H
Differential
Clock
22
SDRAM device attributes: General
1
1
0
0
0
0
0
0
C0H
VDD ± 0.2V
23
Minimum clock cycle time at CL = 2.5
0
1
1
0
0
0
0
0
60H
6.0ns
*1
24
Maximum data access time (tAC) from
clock at CL = 2.5
0
1
1
1
0
0
0
0
70H
0.7ns
*1
25
Minimum clock cycle time at CL = 2
0
1
1
1
0
1
0
1
75H
0.75ns
*1
26
Maximum data access time (tAC) from
clock at CL = 2
0
1
1
1
0
1
0
1
75H
0.75ns
*1
27
Minimum row precharge time (tRP)
0
0
1
1
1
1
0
0
3CH
15ns
28
Minimum row active to row active
delay (tRRD)
0
0
1
0
1
0
0
0
28H
10ns
29
Minimum /RAS to /CAS delay (tRCD)
0
0
1
1
1
1
0
0
3CH
15ns
30
Minimum active to precharge time
(tRAS)
0
0
1
0
1
0
0
0
28H
40ns
31
Module rank density
0
1
0
0
0
0
0
0
40H
256M bytes
32
Address and command setup time
before clock (tIS)
0
1
1
0
0
0
0
0
60H
0.6ns
*1
33
Address and command hold time after
clock (tIH)
0
1
1
0
0
0
0
0
60H
0.6ns
*1


Similar Part No. - EBD52UC8AMFA-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD52UC8AMFA-6B ELPIDA-EBD52UC8AMFA-6B Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
More results

Similar Description - EBD52UC8AMFA-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AAFA ELPIDA-EBD52UC8AAFA Datasheet
186Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AJFA ELPIDA-EBD52UC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AMFA ELPIDA-EBD52UC8AMFA Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52EC8AAFA ELPIDA-EBD52EC8AAFA Datasheet
187Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AAFA-6B ELPIDA-EBD52UC8AAFA-6B Datasheet
184Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52EC8AAFA-6B ELPIDA-EBD52EC8AAFA-6B Datasheet
185Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com