Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE2508AASE Datasheet(PDF) 5 Page - Elpida Memory

Part # EDE2508AASE
Description  256M bits DDR2 SDRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE2508AASE Datasheet(HTML) 5 Page - Elpida Memory

  EDE2508AASE Datasheet HTML 1Page - Elpida Memory EDE2508AASE Datasheet HTML 2Page - Elpida Memory EDE2508AASE Datasheet HTML 3Page - Elpida Memory EDE2508AASE Datasheet HTML 4Page - Elpida Memory EDE2508AASE Datasheet HTML 5Page - Elpida Memory EDE2508AASE Datasheet HTML 6Page - Elpida Memory EDE2508AASE Datasheet HTML 7Page - Elpida Memory EDE2508AASE Datasheet HTML 8Page - Elpida Memory EDE2508AASE Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
EDE2504AASE, EDE2508AASE, EDE2516AASE
Preliminary Data Sheet E0427E11 (Ver. 1.1)
5
Electrical Specifications
• All voltages are referenced to VSS (GND)
• Execute power-up and Initialization sequence before proper device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Note
Power supply voltage
VDD
−1.0 to +2.3
V
1
Power supply voltage for output
VDDQ
−0.5 to +2.3
V
1
Power supply voltage for DLL
VDDL
−0.5 to +2.3
V
1
Input voltage
VIN
−0.5 to +2.3
V
1
Output voltage
VOUT
−0.5 to +2.3
V
1
Storage temperature
Tstg
−55 to +100
°C
1, 2
Power dissipation
PD
1.0
W
1
Short circuit output current
IOUT
50
mA
1
Notes: 1. Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to
the device.
This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
2. Storage temperature is the case surface temperature on the center/top side of the DRAM.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage.
The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification.
Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Operating Temperature Condition
Parameter
Symbol
Rating
Unit
Note
Operating case temperature
TC
0 to
+85
°C
1, 2
Notes: 1. Operating temperature is the case surface temperature on the center/top side of the DRAM.
2. The operation temperature range is the temperature where all DRAM specification will be supported. Out
side of this temperature range, even it is still within the limit of stress condition, some deviation on portion
of operation specification may be required.
During operation, the DRAM case temperature must be maintained between 0 to +85°C under all other
specification parameters.


Similar Part No. - EDE2508AASE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2508AASE-AE ELPIDA-EDE2508AASE-AE Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-AE-E ELPIDA-EDE2508AASE-AE-E Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-BE ELPIDA-EDE2508AASE-BE Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-BE-E ELPIDA-EDE2508AASE-BE-E Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-DF ELPIDA-EDE2508AASE-DF Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
More results

Similar Description - EDE2508AASE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2508AEBG ELPIDA-EDE2508AEBG Datasheet
625Kb / 77P
   256M bits DDR2 SDRAM
EDE2508ABSE ELPIDA-EDE2508ABSE Datasheet
708Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ACSE ELPIDA-EDE2508ACSE Datasheet
881Kb / 81P
   256M bits DDR2 SDRAM
EDE2508ABSE-GE ELPIDA-EDE2508ABSE-GE Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-DF ELPIDA-EDE2508AASE-DF Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDS2504ACTA ELPIDA-EDS2504ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com