Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTSPU16A-105 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTSPU16A-105
Description  15 Watt Single Output AC/DC Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTSPU16A-105 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTSPU16A-105 Datasheet HTML 1Page - Wall Industries,Inc. DTSPU16A-105 Datasheet HTML 2Page - Wall Industries,Inc. DTSPU16A-105 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTSPU16 Series
15 Watt
Single Output
AC/DC Desktop Power Supply
OUTPUT VOLTAGE/ CURRENT RATING CHART
Model Number
Preset
Voltage
Output
Voltage Range
Output
Current
Total
Regulation
Maximum
Output Power
AC Inlet
Connector
*DTSPU16A-101
5 VDC
3 ~ 5 VDC
2.50A max
7%
12W
*DTSPU16A-102
6 VDC
5 ~ 6 VDC
2.40 ~ 2.00A
5%
12W
*DTSPU16A-103
8 VDC
6 ~ 8 VDC
2.00 ~ 1.50A
5%
12W
*DTSPU16A-104
11 VDC
8 ~ 11 VDC
1.87 ~ 1.36A
5%
15W
*DTSPU16A-105
13 VDC
11 ~ 13 VDC
1.36 ~ 1.15A
5%
15W
*DTSPU16A-106
16 VDC
13 ~ 16 VDC
1.15 ~ 0.94A
5%
15W
*DTSPU16A-107
21 VDC
16 ~ 21 VDC
0.94 ~ 0.72A
5%
15W
*DTSPU16A-108
27 VDC
21 ~ 27 VDC
0.72 ~ 0.55A
5%
15W
*DTSPU16A-109
33 VDC
27 ~ 33 VDC
0.55 ~ 0.45A
5%
15W
DTSPU16A-110
40 VDC
33 ~ 40 VDC
0.45 ~ 0.37A
3%
15W
DTSPU16A-111
48 VDC
40 ~ 48 VDC
0.37 ~ 0.31A
3%
15W
IEC-320-C14
*DTSPU16B-101
5 VDC
3 ~ 5 VDC
2.50A max
7%
12W
*DTSPU16B-102
6 VDC
5 ~ 6 VDC
2.40 ~ 2.00A
5%
12W
*DTSPU16B-103
8 VDC
6 ~ 8 VDC
2.00 ~ 1.50A
5%
12W
DTSPU16B-104
11 VDC
8 ~ 11 VDC
1.87 ~ 1.36A
5%
15W
DTSPU16B-105
13 VDC
11 ~ 13 VDC
1.36 ~ 1.15A
5%
15W
DTSPU16B-106
16 VDC
13 ~ 16 VDC
1.15 ~ 0.94A
5%
15W
DTSPU16B-107
21 VDC
16 ~ 21 VDC
0.94 ~ 0.72A
5%
15W
DTSPU16B-108
27 VDC
21 ~ 27 VDC
0.72 ~ 0.55A
5%
15W
DTSPU16B-109
33 VDC
27 ~ 33 VDC
0.55 ~ 0.45A
5%
15W
DTSPU16B-110
40 VDC
33 ~ 40 VDC
0.45 ~ 0.37A
3%
15W
DTSPU16B-111
48 VDC
40 ~ 48 VDC
0.37 ~ 0.31A
3%
15W
IEC-320-C8
*DTSPU16C-101
5 VDC
3 ~ 5 VDC
2.50A max
7%
12W
*DTSPU16C-102
6 VDC
5 ~ 6 VDC
2.40 ~ 2.00A
5%
12W
*DTSPU16C-103
8 VDC
6 ~ 8 VDC
2.00 ~ 1.50A
5%
12W
*DTSPU16C-104
11 VDC
8 ~ 11 VDC
1.87 ~ 1.36A
5%
15W
*DTSPU16C-105
13 VDC
11 ~ 13 VDC
1.36 ~ 1.15A
5%
15W
*DTSPU16C-106
16 VDC
13 ~ 16 VDC
1.15 ~ 0.94A
5%
15W
*DTSPU16C-107
21 VDC
16 ~ 21 VDC
0.94 ~ 0.72A
5%
15W
*DTSPU16C-108
27 VDC
21 ~ 27 VDC
0.72 ~ 0.55A
5%
15W
*DTSPU16C-109
33 VDC
27 ~ 33 VDC
0.55 ~ 0.45A
5%
15W
DTSPU16C-110
40 VDC
33 ~ 40 VDC
0.45 ~ 0.37A
3%
15W
DTSPU16C-111
48 VDC
40 ~ 48 VDC
0.37 ~ 0.31A
3%
15W
IEC-320-C6
NOTES
1. The DTSPU16 Series is designated as DTSPU16x-y where x represents the type of AC input inlet connector, which can either be
A (IEC-320-C14), B (IEC-320-C8), or C (IEC-320-C6); y can be 101, 102, 103, 104, 105, 106, 107, 108, 109, 110 or 111.
2. The output voltage is specified as a range (Ex: 40 ~ 50VDC); the preset voltage will be set as standard models if nothing different
is requested. Please contact factory for ordering details.
3. The “ * ” symbol means PSE approval.
4. A & C Types Only: Models with output voltages under 30VDC have been approved by TUV/PSE.
5. Optional output connectors are available (see “DC Output Plug Selector List” link located at the bottom of the “Desktop” category
page). Please call factory for ordering details.


Similar Part No. - DTSPU16A-105

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTSPU15A-101 WALL-DTSPU15A-101 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTSPU15A-102 WALL-DTSPU15A-102 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTSPU15A-103 WALL-DTSPU15A-103 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTSPU15A-104 WALL-DTSPU15A-104 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTSPU16A-105

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTMPU15 WALL-DTMPU15 Datasheet
200Kb / 3P
   15 Watt Single Output For Medical Equipment AC/DC Desktop Power Supply
DTSPU20 WALL-DTSPU20 Datasheet
154Kb / 3P
   20 Watt Single Output AC/DC Desktop Power Supply
DTSPU40 WALL-DTSPU40 Datasheet
153Kb / 3P
   40 Watt Single Output AC/DC Desktop Power Supply
DTSPU50 WALL-DTSPU50 Datasheet
158Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTSPU63 WALL-DTSPU63 Datasheet
157Kb / 3P
   63 Watt Single Output AC/DC Desktop Power Supply
DTIPU25 WALL-DTIPU25 Datasheet
203Kb / 3P
   25 Watt Single Output AC/DC Desktop Power Supply
DTSPU30 WALL-DTSPU30 Datasheet
150Kb / 3P
   30 Watt Single Output AC/DC Desktop Power Supply
DTSPU60 WALL-DTSPU60 Datasheet
154Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com