Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTIPU45-109 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DTIPU45-109
Description  Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTIPU45-109 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DTIPU45-109 Datasheet HTML 1Page - Wall Industries,Inc. DTIPU45-109 Datasheet HTML 2Page - Wall Industries,Inc. DTIPU45-109 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTIPU45 Series
Up to 50 Watts
Single, Dual, & Triple Outputs
AC/DC Desktop Power Supply
Rev. A
NOTES
1. For single output models the output voltage is specified as a range (Ex: 40 ~ 50VDC); the preset voltage will be set as
standard models if nothing different is requested. Please contact factory for ordering details.
2. The “ * ” symbol means PSE approval.
3. Models with output voltages under 15VDC have been approved by JET/PSE.
4. Optional output connectors are available. Please call factory for ordering details
.
MECHANICAL DRAWINGS
Unit: inches [mm]


Similar Part No. - DTIPU45-109

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-101 WALL-DTIPU16A-101 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-102 WALL-DTIPU16A-102 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-103 WALL-DTIPU16A-103 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-104 WALL-DTIPU16A-104 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTIPU45-109

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU45 WALL-DTSPU45 Datasheet
170Kb / 3P
   Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTMPU50 WALL-DTMPU50 Datasheet
175Kb / 3P
   Up to 50 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTMPU30 WALL-DTMPU30 Datasheet
166Kb / 3P
   30 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
   Single Output Up to 30 Watts AC/DC Desktop Power Supply
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
PSPT45 WALL-PSPT45 Datasheet
188Kb / 3P
   Triple Output Up to 45 Watts AC/DC Power Supply
PSPT65 WALL-PSPT65 Datasheet
184Kb / 3P
   Triple Output Up to 68 Watts AC/DC Power Supply
PSMPT45 WALL-PSMPT45 Datasheet
169Kb / 3P
   Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSMPT65 WALL-PSMPT65 Datasheet
176Kb / 3P
   Triple Output Up to 65 Watts AC/DC Medical Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com