Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD26UB8ALFA-1A Datasheet(PDF) 6 Page - Elpida Memory

Part # EBD26UB8ALFA-1A
Description  256MB Unbuffered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD26UB8ALFA-1A Datasheet(HTML) 6 Page - Elpida Memory

Back Button EBD26UB8ALFA-1A Datasheet HTML 2Page - Elpida Memory EBD26UB8ALFA-1A Datasheet HTML 3Page - Elpida Memory EBD26UB8ALFA-1A Datasheet HTML 4Page - Elpida Memory EBD26UB8ALFA-1A Datasheet HTML 5Page - Elpida Memory EBD26UB8ALFA-1A Datasheet HTML 6Page - Elpida Memory EBD26UB8ALFA-1A Datasheet HTML 7Page - Elpida Memory EBD26UB8ALFA-1A Datasheet HTML 8Page - Elpida Memory EBD26UB8ALFA-1A Datasheet HTML 9Page - Elpida Memory EBD26UB8ALFA-1A Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EBD26UB8ALFA
Preliminary Data Sheet E0215E10 (Ver. 1.0)
6
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
27
Minimum row precharge time (tRP)
-7A
0
1
0
1
0
0
0
0
50H
20ns
-75
0
1
0
1
0
0
0
0
50H
20ns
-1A
0
1
0
1
0
0
0
0
50H
20ns
28
Minimum row active to row active
delay (tRRD)
-7A
0
0
1
1
1
1
0
0
3CH
15ns
-75
0
0
1
1
1
1
0
0
3CH
15ns
-1A
0
0
1
1
1
1
0
0
3CH
15ns
29
Minimum /RAS to /CAS delay (tRCD)
-7A
0
1
0
1
0
0
0
0
50H
20ns
-75
0
1
0
1
0
0
0
0
50H
20ns
-1A
0
1
0
1
0
0
0
0
50H
20ns
30
Minimum active to precharge time
(tRAS)
-7A
0
0
1
0
1
1
0
1
2DH
45ns
-75
0
0
1
0
1
1
0
1
2DH
45ns
-1A
0
0
1
1
0
0
1
0
32H
50ns
31
Module bank density
0
0
1
0
0
0
0
0
20H
128M bytes
32
Address and command setup time
before clock (tIS)
-7A
1
0
0
1
0
0
0
0
90H
0.9ns
-75
1
0
0
1
0
0
0
0
90H
0.9ns
-1A
1
0
1
1
0
0
0
0
B0H
1.1ns
33
Address and command hold time after
clock (tIH)
-7A
1
0
0
1
0
0
0
0
90H
0.9ns
-75
1
0
0
1
0
0
0
0
90H
0.9ns
-1A
1
0
1
1
0
0
0
0
B0H
1.1ns
34
Data input setup time before clock
(tDS)
-7A
0
1
0
1
0
0
0
0
50H
0.5ns
-75
0
1
0
1
0
0
0
0
50H
0.5ns
-1A
0
1
1
0
0
0
0
0
60H
0.6ns
35
Data input hold time after clock (tDH)
-7A
0
1
0
1
0
0
0
0
50H
0.5ns
-75
0
1
0
1
0
0
0
0
50H
0.5ns
-1A
0
1
1
0
0
0
0
0
60H
0.6ns
36 to 61
Superset information
0
0
0
0
0
0
0
0
00H
62
SPD Revision
0
0
0
0
0
0
0
0
00H
63
Checksum for bytes 0 to 62
-7A
0
1
1
1
0
0
1
0
72H
-75
1
0
0
1
1
1
0
1
9DH
-1A
0
1
0
0
0
0
1
1
43H
64
Manufacturer’s JEDEC ID code
1
1
1
1
1
1
1
0
FEH
Elpida Memory
65 to 71
Manufacturer’s JEDEC ID code
0
0
0
0
0
0
0
0
00H
72
Manufacturing location
73 to 90
Manufacturer’s part number
91 to 92
Revision code
93 to 94
Manufacturing date


Similar Part No. - EBD26UB8ALFA-1A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD26UC6AASA ELPIDA-EBD26UC6AASA Datasheet
197Kb / 18P
   256MB DDR SDRAM SO DIMM
EBD26UC6AASA-6B ELPIDA-EBD26UC6AASA-6B Datasheet
197Kb / 18P
   256MB DDR SDRAM SO DIMM
EBD26UC6AASA-7A ELPIDA-EBD26UC6AASA-7A Datasheet
197Kb / 18P
   256MB DDR SDRAM SO DIMM
EBD26UC6AASA-7B ELPIDA-EBD26UC6AASA-7B Datasheet
197Kb / 18P
   256MB DDR SDRAM SO DIMM
EBD26UC6AKSA ELPIDA-EBD26UC6AKSA Datasheet
204Kb / 19P
   256MB DDR SDRAM SO DIMM (32M words x 64 bits, 2 Banks)
More results

Similar Description - EBD26UB8ALFA-1A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AJFA ELPIDA-EBD25EC8AJFA Datasheet
197Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM
HB54A2568FM-A75B ELPIDA-HB54A2568FM-A75B Datasheet
190Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AJFA ELPIDA-EBD25UC8AJFA Datasheet
197Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA ELPIDA-EBD25EC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AMFA-5 ELPIDA-EBD25UC8AMFA-5 Datasheet
153Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG6437S-D4 WEDC-WV3EG6437S-D4 Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com