Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTIPU30-104 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTIPU30-104
Description  Single Output Up to 30 Watts AC/DC Desktop Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTIPU30-104 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTIPU30-104 Datasheet HTML 1Page - Wall Industries,Inc. DTIPU30-104 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTIPU30 Series
Single Output
Up to 30 Watts
AC/DC Desktop Power Supply
Rev A
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Current
Preset Voltage Output Voltage Range
Output Current
Total Regulation
(3)
Output Power
*DTIPU30-101
90 ~ 264VAC
5 VDC
3 ~ 5 VDC
5.00 A max
7%
20W
*DTIPU30-102
90 ~ 264VAC
6 VDC
5 ~ 6 VDC
5.00 ~ 4.16 A
5%
25W
DTIPU30-103
90 ~ 264VAC
8 VDC
6 ~ 8 VDC
4.16 ~ 3.12 A
5%
25W
DTIPU30-104
90 ~ 264VAC
11 VDC
8 ~ 11 VDC
3.75 ~ 2.72 A
5%
30W
DTIPU30-105
90 ~ 264VAC
13 VDC
11 ~ 13 VDC
2.72 ~ 2.30 A
5%
30W
DTIPU30-106
90 ~ 264VAC
16 VDC
13 ~ 16 VDC
2.30 ~ 1.87 A
5%
30W
DTIPU30-107
90 ~ 264VAC
21 VDC
16 ~ 21 VDC
1.87 ~ 1.42 A
5%
30W
DTIPU30-108
90 ~ 264VAC
27 VDC
21 ~ 27 VDC
1.42 ~ 1.11 A
5%
30W
DTIPU30-109
90 ~ 264VAC
33 VDC
27 ~ 33 VDC
1.11 ~ 0.90 A
5%
30W
DTIPU30-110
90 ~ 264VAC
40 VDC
33 ~ 40 VDC
0.90 ~ 0.75 A
3%
30W
DTIPU30-111
90 ~ 264VAC
50 VDC
40 ~ 50 VDC
0.75 ~ 0.60 A
3%
30W
NOTES
1. For single output models the output voltage is specified as a range (Ex: 40 ~ 50VDC); the preset voltage will be set as
standard models if nothing different is requested. Please contact factory for ordering details.
2. The “ * ” symbol means PSE approval.
3. Models 101~102 need to use AWG#16/4FT output cable in order to meet the total regulation. Models 103~111 need to
use AWG#18/6FT output cable in order to meet the total regulation.
4. Optional output connectors are available. Please call factory for ordering details
.
MECHANICAL DRAWING
Unit: inches [mm]


Similar Part No. - DTIPU30-104

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-101 WALL-DTIPU16A-101 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-102 WALL-DTIPU16A-102 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-103 WALL-DTIPU16A-103 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-104 WALL-DTIPU16A-104 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTIPU30-104

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTA36 WALL-DTA36 Datasheet
133Kb / 3P
   20 ~ 30 Watts Single Output AC/DC Desktop Power Supply
PSMPS30 WALL-PSMPS30 Datasheet
168Kb / 3P
   Single Output Up to 30 Watts AC/DC Medical Power Supply
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
DTA65 WALL-DTA65 Datasheet
139Kb / 2P
   Single Output Up to 65 Watts AC/DC Desktop Adapter
DTSPU30 WALL-DTSPU30 Datasheet
150Kb / 3P
   30 Watt Single Output AC/DC Desktop Power Supply
PSPS45 WALL-PSPS45 Datasheet
183Kb / 3P
   Single Output Up to 48 Watts AC/DC Power Supply
PSPS25 WALL-PSPS25 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
   Single Output Up to 65 Watts AC/DC Power Supply
DTA12-Y WALL-DTA12-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com