Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD12RB8ALFA-7A Datasheet(PDF) 8 Page - Elpida Memory

Part # EBD12RB8ALFA-7A
Description  128MB Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD12RB8ALFA-7A Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBD12RB8ALFA-7A Datasheet HTML 4Page - Elpida Memory EBD12RB8ALFA-7A Datasheet HTML 5Page - Elpida Memory EBD12RB8ALFA-7A Datasheet HTML 6Page - Elpida Memory EBD12RB8ALFA-7A Datasheet HTML 7Page - Elpida Memory EBD12RB8ALFA-7A Datasheet HTML 8Page - Elpida Memory EBD12RB8ALFA-7A Datasheet HTML 9Page - Elpida Memory EBD12RB8ALFA-7A Datasheet HTML 10Page - Elpida Memory EBD12RB8ALFA-7A Datasheet HTML 11Page - Elpida Memory EBD12RB8ALFA-7A Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EBD12RB8ALFA
Preliminary Data Sheet E0212E10 (Ver. 1.0)
8
Differential Clock Net Wiring (CLK0, /CLK0)
120
240
(Typically two registers per DIMM)
0ns (nominal)
240
120
120
CLK0
Notes: 1. The clock delay from the input of the PLL clock to the input of any SDRAM or register willl
be set to 0 ns (nominal).
2. Input, output and feedback clock lines are terminated from line to line as shown, and not
from line to ground.
3. Only one PLL output is shown per output type. Any additional PLL outputs will be wired
in a similar manner.
4. Termination resistors for feedback path clocks are located after the pins of the PLL.
C
/CLK0
SDRAM
stack
SDRAM
stack
Register1
Register2
PLL
Feedback
IN
OUT1
OUT'N'


Similar Part No. - EBD12RB8ALFA-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD12RB8ALFB ELPIDA-EBD12RB8ALFB Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB-1A ELPIDA-EBD12RB8ALFB-1A Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB-75 ELPIDA-EBD12RB8ALFB-75 Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB-7A ELPIDA-EBD12RB8ALFB-7A Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
More results

Similar Description - EBD12RB8ALFA-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD12RB8ALFB ELPIDA-EBD12RB8ALFB Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BF4-J HYNIX-HYMD264G726BF4-J Datasheet
185Kb / 16P
   Registered DDR SDRAM DIMM
logo
Elpida Memory
EBD13UB6ALS ELPIDA-EBD13UB6ALS Datasheet
174Kb / 16P
   128MB DDR SDRAM S.O. DIMM
logo
Hynix Semiconductor
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com