Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA-070A-1Y17D0 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTA-070A-1Y17D0
Description  To 70 Watts Single Output AC/DC Desktop Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTA-070A-1Y17D0 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTA-070A-1Y17D0 Datasheet HTML 1Page - Wall Industries,Inc. DTA-070A-1Y17D0 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTA-070 Series
To 70 Watts
Single Output
AC/DC Desktop Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Output Voltage
Output Current
Output Regulation
Output Power
DTA-050A-1Y05D0
5 VDC
10A
5%
50W
DTA-050A-1Y06D0
6 VDC
8.3A
5%
50W
DTA-050A-1Y07D0
7 VDC
7.14A
5%
50W
DTA-050A-1Y08D0
8 VDC
6.25A
5%
50W
DTA-050A-1Y09D0
9 VDC
5.5A
5%
50W
DTA-070A-1Y12D0
12 VDC
5.8A
5%
70W
DTA-070A-1Y13D0
13 VDC
5.4A
5%
70W
DTA-070A-1Y14D0
14 VDC
5A
5%
70W
DTA-070A-1Y15D0
15 VDC
4.6A
3%
70W
DTA-070A-1Y16D0
16 VDC
4.37A
3%
70W
DTA-070A-1Y17D0
17 VDC
4.11A
3%
70W
DTA-070A-1Y18D0
18 VDC
3.88A
3%
70W
DTA-070A-1Y19D0
19 VDC
3.68A
3%
70W
DTA-070A-1Y20D0
20 VDC
3.5A
3%
70W
DTA-070A-1Y21D0
21 VDC
3.33A
3%
70W
DTA-070A-1Y22D0
22 VDC
3.18A
3%
70W
DTA-070A-1Y23D0
23 VDC
3.04A
3%
70W
DTA-070A-1Y24D0
24 VDC
2.9A
3%
70W
NOTES:
1. Peak–to–peak with 20MHz bandwidth with a tantalum 10uF in parallel with a 0.1uF ceramic capacitor.
2. AC Inlet: IEC 320-C14 Standard.
3. The box color is black.
4. Tolerance: ±0.5mm.
5. The unit is measured in mm.
MECHANICAL DRAWINGS


Similar Part No. - DTA-070A-1Y17D0

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTA-072A2-1Y09AP WALL-DTA-072A2-1Y09AP Datasheet
135Kb / 2P
   With Active PFC 80 Watt Single Output AC/DC Desktop Adapter
More results

Similar Description - DTA-070A-1Y17D0

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
   Single Output Up to 30 Watts AC/DC Desktop Power Supply
logo
ETA-USA
DTC70-XSX-W ETA-USA-DTC70-XSX-W Datasheet
234Kb / 2P
   AC/DC SWITCHING DESKTOP ADAPTOR POWER SUPPLY SINGLE OUTPUT / UNIVERSAL RANGE INPUT 70 WATTS
logo
Wall Industries,Inc.
DTA12-Y WALL-DTA12-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
DTA24-Y WALL-DTA24-Y Datasheet
141Kb / 2P
   20-24 Watts Single Output AC/DC Desktop Power Supply
DTA36 WALL-DTA36 Datasheet
133Kb / 3P
   20 ~ 30 Watts Single Output AC/DC Desktop Power Supply
DTA18-Y WALL-DTA18-Y Datasheet
143Kb / 2P
   15-18 Watts Single Output AC/DC Desktop Power Supply
DTSPU68 WALL-DTSPU68 Datasheet
161Kb / 2P
   Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply
DTEM10601 WALL-DTEM10601 Datasheet
144Kb / 2P
   42~55 Watts Single Output AC/DC Medical Desktop Power Supply
logo
Integrated Power Design...
REL-70 IPDPOWER-REL-70 Datasheet
365Kb / 2P
   70 WATTS SINGLE/MULTI OUTPUT AC-DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com